Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 56 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 56 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 52Page - Active-Semi, Inc ACT5880 Datasheet HTML 53Page - Active-Semi, Inc ACT5880 Datasheet HTML 54Page - Active-Semi, Inc ACT5880 Datasheet HTML 55Page - Active-Semi, Inc ACT5880 Datasheet HTML 56Page - Active-Semi, Inc ACT5880 Datasheet HTML 57Page - Active-Semi, Inc ACT5880 Datasheet HTML 58Page - Active-Semi, Inc ACT5880 Datasheet HTML 59Page - Active-Semi, Inc ACT5880 Datasheet HTML 60Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 56 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
1
10
100
35
55
75
95
1
10
100
1000
45
55
65
75
85
95
(TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
CH1: VSCL, 2V/div
CH2: VOUT1, 0.5V/div
TIME: 100μs/div
5. The REG1 Start from Last I2C Bit, Full Load
6. The REG1 Start from PWRHLD set, no load
CH1
CH2
CH1: VOUT1, 0.5V/div
CH2: PWRHLD, 2V/div
TIME: 100μs/div
CH1
CH2
CH1: VSCL, 2V/div,
CH2: VSDA, 2V/div,
CH2: VOUT1, 0.5V/div
TIME: 10μs/div
7. The REG1 Step Transition Response, Full Load
8. The REG1 (1.2V) Efficiency vs. Load Current
CH3
CH1
CH2
Load Current (mA)
VVP1=3.0V
VVP1=3.6V
VVP1=4.0V
9. The REG2 (1.8V) Efficiency vs. Load Current
Load Current (mA)
VVP2=3.0V
VVP2=3.6V
VVP2=4.0V
CH1: VOUT1, AC coupled, 10mV/div
CH2: Load Current, 200mA/div
TIME: 400μs/div
10. The REG1 Load Transition Response
CH1
CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com