Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 49 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 49 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 45Page - Active-Semi, Inc ACT5880 Datasheet HTML 46Page - Active-Semi, Inc ACT5880 Datasheet HTML 47Page - Active-Semi, Inc ACT5880 Datasheet HTML 48Page - Active-Semi, Inc ACT5880 Datasheet HTML 49Page - Active-Semi, Inc ACT5880 Datasheet HTML 50Page - Active-Semi, Inc ACT5880 Datasheet HTML 51Page - Active-Semi, Inc ACT5880 Datasheet HTML 52Page - Active-Semi, Inc ACT5880 Datasheet HTML 53Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 49 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
LOW-NOISE LDO ELECTRICAL CHARACTERISTICS
(VINL = 3.6V, TA = 25°C, unless otherwise specified.)
Note: See the TYPICAL PERFORMANCE CHARACTERISTICS for:
The REG4 Start up Waveform, No Load; The REG4 Start up Waveform, Full Load;
The REG4 voltage step transition response; The REG4 Load Transition Response.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
VINL
2.4
6
V
Output Programming Range
0.6
3.9
Output Voltage Accuracy
LOWIQ[ ]=0
TA = 25°C
-1.5
+1.5
%
TA = -40°C to 85°C
-2.5
+2.5
Line Regulation
VINL = (VOUT + 0.5V) to 5.5V
1
%/V
Load Regulation
Load=1mA to maximum load current.
0.03
%/A
Power Supply Rejection Ratio
(PSRR)
COUT=1μF,
Load=20mA,
VOUT=1.8V, REG5,
REG6, REG9,
REG10, REG11,
REG12,REG13
At 1kHz, LOWIQ[ ]=Any
-80
dB
At 10kHz.
LOWIQ[ ]=0
-70
LOWIQ[ ]=1
-60
Maximum Load Current
REG4, REG6, REG7, REG8
0.36
A
REG5, REG9, REG12
0.25
REG10, REG13
0.15
REG11
0.08
Current Limit
When 5% Voltage
drop is seen from
the normal output
voltage.
REG4, REG6, REG7, REG8
0.41
0.68
A
REG5, REG9, REG12
0.28
0.47
REG10, REG13
0.17
0.28
REG11
0.09
0.15
0.22
Dropout Voltage
Set load current to 1/4 of max output current;
Ramp down input supply until VOUT=VSET - 100mV.
140
mV
Output Noise
REG5, REG6, REG9, REG10, REG11, REG12,
REG13, COUT=1μF, Load=20mA, VOUT=1.8V,
LOWIQ[ ]=0
30
µVRMS
Turn-On Propagation Delay
From the I2C last bit latched or PWRHLD, ON6 or
ON9 set 1 to output changes.
150
μs
Soft-Start Ramp Time
Time between 2 intersection points of the ramp
slope and 2 voltages; 0% and 100% of the final,
no and full load.
30
150
OK Threshold to Normal Ratio OK[ ] asserts 0
89
%
Current Limit Fold-Back Ratio Ratio to the current limit, when output short circuit.
45
Discharge Resistance
LDO Disabled, DIS[ ] = 1
1.5
kΩ
Stable COUT Range
REG4, REG6, REG7, REG8
3.3
20
μF
REG5, REG9, REG12
2.2
20
REG10, REG13
1.5
20
REG11
1
20
No Load Current
LOWIQ[ ]=0
22
LOWIQ[ ]=1
15
Shutdown Current
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com