Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 67 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 67 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 63Page - Active-Semi, Inc ACT5880 Datasheet HTML 64Page - Active-Semi, Inc ACT5880 Datasheet HTML 65Page - Active-Semi, Inc ACT5880 Datasheet HTML 66Page - Active-Semi, Inc ACT5880 Datasheet HTML 67Page - Active-Semi, Inc ACT5880 Datasheet HTML 68Page - Active-Semi, Inc ACT5880 Datasheet HTML 69Page - Active-Semi, Inc ACT5880 Datasheet HTML 70Page - Active-Semi, Inc ACT5880 Datasheet HTML 71Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 67 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
Inversion Regulation Option
When programmed as an inversion regulator
option, the error amplifier in the FB3 feedback path
is phase inverted for the negative output regulation.
An external positive reference voltage is employed
for bias an external divider, whose tap connects to
the FB3. The voltage at FB3 is still regulated at
200mV in inversion application.
Irregular Conditions
When the load condition, or input to output ratio pull
the output out of regulation, the switch current limit
prevent the circuit from over stress. As the rectifier
diode is serial in the output path, short the output to
a voltage lower than input voltage would cause
excessive high current through the diode and might
damage the diode. Current limit switch or thermal
fuse is desired if there is possibility of shorting the
boost output.
Component Selection
Table 4 lists the suitable component specifications.
The better high frequency performance is important
to both inductor and capacitor. Capacitors with X5R
or X7R serial dielectrics are recommended.
The inductor DC saturation current should be at
least 30% over the limit of switch current. For
applications that do not require high current, options
with lower current limit are available upon ordering,
which is necessary when selecting the inductor with
smaller saturation current.
Table 4:
The Components Selection for REG3.
PCB Layout Considerations
The inductor current alternately goes into the output
capacitor and the power switch, place the output
capacitor close to the switch node SW3 and
connect the capacitor ground to the same current
loop back node GP3 would reduce the risk of
excessive noise conducting. Practically it might be
difficult to place all components close to the chip.
When the available space is constraint, the order
for being close to the chip is the rectifier diode, the
output capacitor, the inductor and then the input
capacitor.
Operation conditions
L
(μH)
COUT
(μF)
Voltage, 500mA, 5V
10~15
22~27
Voltage, 35mA, 40V
22
0.68
Current 35mA, 40V
22
0.47
Current 100mA, 20V
15
0.68
CIN
(μF)
2.2
2.2
2.2
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com