Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 7Page - Active-Semi, Inc ACT5880 Datasheet HTML 8Page - Active-Semi, Inc ACT5880 Datasheet HTML 9Page - Active-Semi, Inc ACT5880 Datasheet HTML 10Page - Active-Semi, Inc ACT5880 Datasheet HTML 11Page - Active-Semi, Inc ACT5880 Datasheet HTML 12Page - Active-Semi, Inc ACT5880 Datasheet HTML 13Page - Active-Semi, Inc ACT5880 Datasheet HTML 14Page - Active-Semi, Inc ACT5880 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 11 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
CHGIN to GA (Continuous)
7
BATID, TH, ACIN, HFPWR, VSYS and nSTAT to GA
6
ODO1 to GLED
42
ODO2, ODO3 to GLED
5
ON6, ON9, REFBP, BBCIN, VALIVE, VBBAT, XTAL-, XTAL+, CLK32, VSEL,
VBAT, CHGLEV, SDA, SCL, PWRHLD, nIRQ, nRSTO, nPBSTAT, nPBIN, OUT1
and OUT2 to GA
6
XPOS, XNEG, YPOS, YNEG, AUX0, AUX1, AUX2, VD to GD
6
SW1 to GP1
-0.3 to (VP1 + 0.3)
SW2 to GP2
-0.3 to (VP2 + 0.3)
OUT3, SW3, FB3 to any GP3
42
OUT6 to GA
-0.3 to (INL6 + 0.3)
OUT7 to GA
-0.3 to (INL7 + 0.3)
OUT8, OUT9 to GA
-0.3 to (INL89 + 0.3)
OUT10, OUT11 to GA
-0.3 to (INL1011 + 0.3)
OUT12, OUT13 to GA
-0.3 to (INL1213 + 0.3)
Difference between any two ground groups: GP1, GP2, GP3, GLED, GD, GA
-0.3 to + 0.3
Junction to Ambient Thermal Resistance (θJA)
43
°C/W
Power Dissipation, TA=25 ˚C
2
W
Power Dissipation Degrading for TA>25 ˚C
25
mW/°C
Operating Junction Temperature (TJ)
-40 to 150
°C
Operating Ambient Temperature range (TA)
-40 to 85
Storage Temperature
-55 to 150
Lead Temperature (soldering for 10 sec.)
300
V
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability. Functional operation at conditions other than the operation conditions specified is not implied. Only one absolute
maximum rating should be applied at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com