Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 29 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 29 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 25Page - Active-Semi, Inc ACT5880 Datasheet HTML 26Page - Active-Semi, Inc ACT5880 Datasheet HTML 27Page - Active-Semi, Inc ACT5880 Datasheet HTML 28Page - Active-Semi, Inc ACT5880 Datasheet HTML 29Page - Active-Semi, Inc ACT5880 Datasheet HTML 30Page - Active-Semi, Inc ACT5880 Datasheet HTML 31Page - Active-Semi, Inc ACT5880 Datasheet HTML 32Page - Active-Semi, Inc ACT5880 Datasheet HTML 33Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 29 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
ODO3
0x76
7
ISCALE3[1]
0
W/R
Set the LSB weight of the linear current setting of the open-
drain driver. [1:0]=00 for 0.4mA, 01 for 0.8mA, 10 for 1.2mA, 11
for 1.6mA.
6
ISCALE3[0]
0
5
ISET3[5]
0
W/R
Driver output current setting in linear code, no offset.
[
5:0]=0 for 0mA output. Full scale output currents are 25.2mA,
50.4mA, 75.6mA and 100.8mA respectively with different LSB
weights.
4
ISET3[4]
0
3
ISET3[3]
0
2
ISET3[2]
0
1
ISET3[1]
0
0
ISET3[0]
0
0x77
7
DUTY3[7]
0
W/R
PWM duty setting. [7:0]=0x00 for 0%, [7:0]=0xFF for 100%.
For linear duty setting option, the LSB weight is 0.4% for code
0x00 to 0xFE, which is 0% to 99.2% of duty. The code 0xFF is
forced for 100% duty.
For the non-linear duty setting option, refer to the table of NON-
LINEAR DUTY SETTING for code to duty cross.
6
DUTY3[6]
0
5
DUTY3[5]
0
4
DUTY3[4]
0
3
DUTY3[3]
0
2
DUTY3[2]
0
1
DUTY3[1]
0
0
DUTY3[0]
0
ODO
0x79
7
THERMAL_OK
1
R
Driver circuit over temperature indicator. This bit is cleared to 0
if the driver circuit over temperature happens.
6
OK1
0
5
OK2
0
R
Indicator for ODO2 out current of regulation (open LED de-
tected).
4
OK3
0
3
RFU
1
2
RFU
0
1
RFU
0
0
BUFFER
0
R
R
R
W/R
W/R
W/R
Indicator for ODO1 out current of regulation (open LED de-
tected).
Indicator for ODO3 out current of regulation (open LED de-
tected).
Reserved for future use.
Reserved for future use.
Reserved for future use.
Set 1 to select data buffers. Buffered data is updated to each
output simultaneously when this bit is cleared to 0, for synchro-
nized output.
Note:
W/R: Write and read accessible. R: Read accessible, writing to the bit does not make change to the volume. WE/R: Write
and read accessible, write exact what it is before to avoid unexpected behavior. X is uncertain volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com