Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 63 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 63 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 59Page - Active-Semi, Inc ACT5880 Datasheet HTML 60Page - Active-Semi, Inc ACT5880 Datasheet HTML 61Page - Active-Semi, Inc ACT5880 Datasheet HTML 62Page - Active-Semi, Inc ACT5880 Datasheet HTML 63Page - Active-Semi, Inc ACT5880 Datasheet HTML 64Page - Active-Semi, Inc ACT5880 Datasheet HTML 65Page - Active-Semi, Inc ACT5880 Datasheet HTML 66Page - Active-Semi, Inc ACT5880 Datasheet HTML 67Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 63 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
UVLO circuit monitors the voltage at VSYS, it stops
the normal operation when the VVSYS is less than
the VUVLO, reloads registers with default power on
states and starts normal operation when the VVSYS
is greater than VUVLO.
All circuit blocks stop but the always-on VALIVE
output and the RTC circuit keep running when the
system UVLO asserts. The always-on regulator
keeps output even when its output voltage drops,
the RTC keeps running until its input voltage is too
low, the RTCEN bit is reset.
The VVSYS comparator circuit is configurable for
stopping the system as the UVLO function does or
asserting a system voltage low alert when it sees
the VVSYS is less than a programmable threshold.
The threshold is programmed by setting the
SYSLEV[3:0] in a register, refer to the GLOBAL
REGISTER
MAP
and REGISTER AND BIT
DESCRIPTIONS
sections for more details.
Each step-down DC/DCs and the step-up DC/DC
has its own UVLO to assure it only operates when
both its input voltage and the VVSYS are in proper
range.
Over-Current
Each regulator has its own over-current protection.
For step-down DC/DCs and the step-up DC/DC ,
the over-current condition triggers to reduce the
switch frequency to ¼ of normal frequency. In
LDOs, it triggers fold-back current limit. In both
case, the over-current protection consequently
causes the drop of output voltage and so the
house-keeping interrupt assertion if this function is
enabled. Each regulator is safe in unlimited-time
output short-circuit (but not the step-up DC/DC, in
which the rectifier diode might be burned off).
Over-temperature
When the die temperature goes to about 160°C, the
whole circuit of the ACT5880 is shutdown, including
all function blocks, with about 20°C hysteresis when
temperature falls for recovering. This threshold
temperature is higher than functional temperature
thresholds used for other temperature dependent
circuits, including the die-temperature regulation in
charger and the open-drain driver circuit.
House-keeping Oriented Interrupts
There are 14 sources/conditions in 2 types interrupt
oriented for house-keeping, each is programmable
for allowing interrupt or masked.
Table 2 lists the house-keeping oriented interrupt
types. Refer to the INTERRUPT DESCRIPTIONS
section for a summary of all possible interrupts and
the REGISTER AND BIT DESCRIPTIONS section
for more details.
Table 2:
The House-keeping Oriented Interrupts.
INTERRUPT FOR
CONDITIONS
System Voltage low
VVSYS<Voltage set by
SYSLEV[3:0]
Regulator out of
regulation
REG1, REG2, REG3 output 7%
less than normal; REG4 to
REG13 11% less than normal;
REG3 over voltage in constant
current output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com