Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 71 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 71 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 67Page - Active-Semi, Inc ACT5880 Datasheet HTML 68Page - Active-Semi, Inc ACT5880 Datasheet HTML 69Page - Active-Semi, Inc ACT5880 Datasheet HTML 70Page - Active-Semi, Inc ACT5880 Datasheet HTML 71Page - Active-Semi, Inc ACT5880 Datasheet HTML 72Page - Active-Semi, Inc ACT5880 Datasheet HTML 73Page - Active-Semi, Inc ACT5880 Datasheet HTML 74Page - Active-Semi, Inc ACT5880 Datasheet HTML 75Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 71 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
The ODO1, the ODO2 and the ODO3 are open-drain
drivers, which could operate as simple open-drain
outputs, or as constant current sinkers, set by
individual configuration. Each of them could also
output in PWM pattern for extended output power
adjustment range. One of the driver output, the
ODO1, has high operation voltage range of up to
40V and the other 2 have the ranges of up to 5V,
make them flexible and powerful.
Each driver is configured and manipulated through
the access to respective register bit. Refer to THE
REGISTER BIT DESCRIPTION
for more details.
The BUFFER bit sets how a current setting or PWM
duty cycle affects the output. When the BUFFER is
set to 0, the data written into the respective current
or duty register affects the output instantly; When it
is set to 1, the data written into the register does not
affect the output until the bit is set to 0. This
BUFFER bit has power over all the 3 drivers, which
makes
the
outputs
of
drivers
change
simultaneously, independent to when the data is
set.
Operation Modes
Constant Current Driving
The current is set by configuring the weight for LSB
and a 6 bits current code. Combining the weight
and the current code, the adjustment to current for
each driver covers 0 to 100.8mA nominal.
PWM Switching
Each driver could be turned on and off with an
internal generated PWM pattern at nominal 244Hz.
The duty cycle of PWM pattern is either linear
coded or non-linear coded, optioned against
ordering. If linear coded, the duty cycle is the ratio
of the integer volume put into the duty register over
255. See respective tables for non-linear coded
duty cycle setting and the register setting. Figure 7
shows the duty cycle to code plot for both the linear
and non-linear code, with an exponential curve for
reference.
The non-linear coded duty cycle setting provides a
close
to
exponential
code
to
brightness
approximation,
which
gives
similar
feeling
difference in changing the code linearly, against the
Webber's law.
Phase Shift and Delay
In case of driving backlight assembly with long wire
and close to the EMI sensitive LCD display, both
PWM
phase
shift
and
sequential
on
are
implemented in the driver circuitry additional to the
current-on slew rate limit of 40mA/μs nominal,
which assure no flicker, no fake operation in various
size for high quality image display.
Figure 7:
The PWM Adjustment Curves.
Combined Modulations
The PWM pattern could modulate the constant
current output on and off, as well as the simple
open drain output on and off. The combined
modulation extends the dynamic range for backlight
brightness adjustment. For multi-strings backlight
application, the current setting could be used for
matching different strings while the PWM is used for
overall brightness control.
Inductive Load
For inductive load driving, like driving a vibrator
motor, an external dump clamp diode is desired to
avoid voltage overstress by current breaking
voltage surge caused by the serial inductance. As
specified in the characteristics table, the drivers
have a controlled current on slew rate of 40mA/μs
nominal. This slew rate control only applies on the
turning on of the current, not on the turning off.
Irregular Conditions
The driver block has her own overheat monitoring,
with a threshold temperature lower than the over
temperature shutdown threshold. If overheat is
detected in this block, the drivers are turned off
before the system is possibly forced into thermal-
shutdown. Each driver also has a LED open
detection circuit, which monitors the driving level of
the output stage. When it is driven saturated, then
OPEN-DRAIN DRIVERS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
50
100
150
200
250
Non‐linear code
Expotential Curve
Linear code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com