Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 57 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 57 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 53Page - Active-Semi, Inc ACT5880 Datasheet HTML 54Page - Active-Semi, Inc ACT5880 Datasheet HTML 55Page - Active-Semi, Inc ACT5880 Datasheet HTML 56Page - Active-Semi, Inc ACT5880 Datasheet HTML 57Page - Active-Semi, Inc ACT5880 Datasheet HTML 58Page - Active-Semi, Inc ACT5880 Datasheet HTML 59Page - Active-Semi, Inc ACT5880 Datasheet HTML 60Page - Active-Semi, Inc ACT5880 Datasheet HTML 61Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 57 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
110
100
60
70
80
90
(TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
11. The REG2 Load Transition Response, Full Load
12. The REG2 Buck to Linear Mode Transition
CH1
CH2
CH1: VOUT2, 0.5V/div
CH2: VSDA, 5V/div
TIME: 400μs/div
CH1
CH2
CH1: VOUT3,1V/div
TIME: 200μs/div
13. The REG3 Start up Waveform, Full Load
14. The REG3 Step Transition Response, Full Load
CH1
15. The REG3 Efficiency vs. Load Current
Load Current (mA)
VVP3=4.2V
VVP3=3.6V
VVP3=3.0V
CH1: VOUT3, AC coupled, 200mV/div
CH2: Load Current, 100mA/div
TIME: 400μs/div
16. The REG3 Load Transition Response
CH1
CH2
CH1: VOUT2, AC coupled, 10mV/div
CH2: Load Current, 200mA/div
TIME: 400μs/div
CH2
CH1
CH3
CH1: VSDA, 2V/div
CH2: VOUT3, 1V/div
CH3: VSCL, 2V/div
TIME: 400μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com