Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 6Page - Active-Semi, Inc ACT5880 Datasheet HTML 7Page - Active-Semi, Inc ACT5880 Datasheet HTML 8Page - Active-Semi, Inc ACT5880 Datasheet HTML 9Page - Active-Semi, Inc ACT5880 Datasheet HTML 10Page - Active-Semi, Inc ACT5880 Datasheet HTML 11Page - Active-Semi, Inc ACT5880 Datasheet HTML 12Page - Active-Semi, Inc ACT5880 Datasheet HTML 13Page - Active-Semi, Inc ACT5880 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 10 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
H6
VALIVE
The Always-On Low Power LDO Output. Bypass to GA with a 1μF high quality ceramic capacitor.
H7
AUX0
The Auxiliary ADC Input AUX0.
H8
GD
The Ground Node of the ADC Circuit in the IC.
H9
XPOS
One of ADC Input, Internally Configured as the Touch Screen Force-Sense Node XPOS with an
internal force switch.
J1
CLK32
The 32kHz Oscillation Output, OD. A pull-up resistor at load end in range of 150kΩ to 300kΩ is
recommended.
J2
VP1
The Switch Power Input Node of the Step-down DC/DC REG1. Same function as pin H2.
J3
OUT1
The Step-down DC/DC REG1 Feedback Node. Connect it to the output node of REG1.
J4
XTAL-
The 32kHz Oscillator Crystal Node. This node is pick-up node. Connect it to any terminal of an
external crystal.
J5
XTAL+
The 32kHz Oscillator Crystal Node. This node is driving node. Connect it to any terminal of an
external crystal.
J6
VBBAT
The Back-up Battery Node. Connect it to the positive node of a back-up battery or storage super cap.
The back-up battery charger circuit charges battery or super cap at this node with limited current
and outputs a programmable voltage after charging for powering the always-on low power LDO.
J7
AUX1
The Auxiliary ADC Input AUX1.
J8
BBCIN
The Back-up Battery Charger Circuit Input. Bypass to GA with a 1μF high quality ceramic capacitor.
J9
AUX2
The Auxiliary ADC Input AUX2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com