Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 44 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 44 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 40Page - Active-Semi, Inc ACT5880 Datasheet HTML 41Page - Active-Semi, Inc ACT5880 Datasheet HTML 42Page - Active-Semi, Inc ACT5880 Datasheet HTML 43Page - Active-Semi, Inc ACT5880 Datasheet HTML 44Page - Active-Semi, Inc ACT5880 Datasheet HTML 45Page - Active-Semi, Inc ACT5880 Datasheet HTML 46Page - Active-Semi, Inc ACT5880 Datasheet HTML 47Page - Active-Semi, Inc ACT5880 Datasheet HTML 48Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 44 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
STEP-DOWN DC/DC AND LDO OUTPUT VOLTAGE SETTING (not apply to
VBBAT)
Unit: V
REGx/VSET[2:0]
000
001
010
011
100
101
110
111
000
0.600
0.800
1.000
1.200
1.600
2.000
2.400
3.200
001
0.625
0.825
1.025
1.250
1.650
2.050
2.500
3.300
010
0.650
0.850
1.050
1.300
1.700
2.100
2.600
3.400
011
0.675
0.875
1.075
1.350
1.750
2.150
2.700
3.500
100
0.700
0.900
1.100
1.400
1.800
2.200
2.800
3.600
101
0.725
0.925
1.125
1.450
1.850
2.250
2.900
3.700
110
0.750
0.950
1.150
1.500
1.900
2.300
3.000
3.800
111
0.775
0.975
1.175
1.550
1.950
2.350
3.100
3.900
REGx/VSET[5:3]
VBBAT OUTPUT VOLTAGE SETTING (with around 10μA load current)
Unit: V
VSET[2:0]
000
001
010
011
100
101
110
111
000
0.400
0.600
0.800
1.000
1.400
1.800
2.200
3.000
001
0.425
0.625
0.825
1.050
1.450
1.850
2.300
3.100
010
0.450
0.650
0.850
1.100
1.500
1.900
2.400
3.200
011
0.475
0.675
0.875
1.150
1.550
1.950
2.500
3.300
100
0.500
0.700
0.900
1.200
1.600
2.000
2.600
3.400
101
0.525
0.725
0.925
1.250
1.650
2.050
2.700
3.500
110
0.550
0.750
0.950
1.300
1.700
2.100
2.800
3.600
111
0.575
0.775
0.975
1.350
1.750
2.150
2.900
3.700
VSET[5:3]
CHARGER VOLTAGE SETTING
Unit: V
FAST CHARGE CURRENT SETTING
Unit: mA
0000
1000 1001 1010 1011 1100 1101 1110 1111
4.1
4.26
4.28
4.30
4.32
4.34
4.36
4.38
4.4
VSET[3:0]
0001
4.12
0110 0111
4.22
4.24
0100 0101
4.18
4.2
0010 0011
4.14
4.16
0000
1000 1001 1010 1011 1100 1101 1110 1111
90
650
700
750
800
850
900
950
1000
ISET[3:0]
0001
300
0110 0111
550
600
0100 0101
450
500
0010 0011
350
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com