Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 35 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 35 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 31Page - Active-Semi, Inc ACT5880 Datasheet HTML 32Page - Active-Semi, Inc ACT5880 Datasheet HTML 33Page - Active-Semi, Inc ACT5880 Datasheet HTML 34Page - Active-Semi, Inc ACT5880 Datasheet HTML 35Page - Active-Semi, Inc ACT5880 Datasheet HTML 36Page - Active-Semi, Inc ACT5880 Datasheet HTML 37Page - Active-Semi, Inc ACT5880 Datasheet HTML 38Page - Active-Semi, Inc ACT5880 Datasheet HTML 39Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 35 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
CHG
0xD1
7
SUSCHG
0
W/R Set 1 to force the charger into suspend state. Set 0 to allow charging.
6
ENVISET
0
W/R Set 1 to enable the changes to charger voltage and current settings.
5
TOTTIMO[1]
0
W/R
Entire cycle safe timer time-out setting. [1:0]=00 for 180 minutes, 01 for
240 minutes, 10 for 300 minutes and 11 for no time-out.
4
TOTTIMO[0]
0
W/R
Entire cycle safe timer time-out setting. [1:0]=00 for 180 minutes, 01 for
240 minutes, 10 for 300 minutes and 11 for no time-out.
3
PRETIMO[1]
0
W/R
Pre-condition safe timer time-out setting. [1:0]=00 for 40 minutes, 01 for
60 minutes, 10 for 80 minutes and 11 for no time-out.
2
PRETIMO[0]
0
W/R
Pre-condition safe timer time-out setting. [1:0]=00 for 40 minutes, 01 for
60 minutes, 10 for 80 minutes and 11 for no time-out.
1
OVPSET[1]
1
W/R
Over-voltage thresholds setting, [1:0]=00 for 6.3V, 01 for 6.5V, 10 for
6.7V and 11 for 6.9V.
0
OVPSET[0]
0
W/R
Over-voltage thresholds setting, [1:0]=00 for 6.3V, 01 for 6.5V, 10 for
6.7V and 11 for 6.9V.
0xD8
7
TIMR_STAT
0
W/R
Charge Time-out Interrupt Flag/Mask. Write this bit with TIMR_PRE[ ]
and/or TIMR_TOT[ ] to 1 to allow interrupt when charge safety timers
expire. Read this bit to get charge time-out interrupt status, read back
value is 1 when interrupt is generated and it is automatically cleared to 0
upon reading, read back value is 0 when no interrupt is generated. Also
see TIMR_DAT[ ], TIMR_PRE[ ] and TIMR_TOT[ ].
6
TEMP_STAT
or
BATT_STAT
0
W/R
Battery Temperature or Battery Installation Detection Interrupt Flag/
Mask. Write this bit with TEMP_POS[ ] (BATT_POS[ ]) or/and
TEMP_NEG[ ] (BATT_NEG[ ]) to 1 to allow interrupt when a battery
temperature event occurs or a battery installation event occurs. Read
this bit to get the battery temperature or battery installation detection
Interrupt status, read back value is 1 when interrupt is generated and it is
automatically cleared to 0 upon reading, read back value is 0 when no
interrupt is generated. Also see TEMP_DAT[ ], BATT_DAT[ ],
TEMP_POS[ ], TEMP_NEG[ ], BATT_POS[ ] and BATT_NEG[ ].
5
INPUT_STAT
0
W/R
Input Voltage Interrupt Flag/Mask. Write this bit with INPUT_POS[ ] or/
and INPUT_NEG[ ] to 1 to allow interrupt when CHGIN UVLO or OVP
condition occurs. Read this bit to get input voltage interrupt status, read
back value is 1 when interrupt is generated and it is automatically
cleared to 0 upon reading, read back value is 0 when no interrupt is
generated. Also see INPUT_DAT[ ], INPUT_POS[ ] and INPUT_NEG[ ].
4
CHG_STAT
0
W/R
Charge State Interrupt Flag/Mask. Write this bit with CHG_POS[ ] or/and
CHG_NEG[ ] to 1 to allow interrupt when the state machine gets in or out
of EOC state. Read this bit to get the EOC state interrupt status, read
back value is 1 when interrupt is generated and it is automatically
cleared to 0 upon reading, read back value is 0 when no interrupt is
generated. Also see CHG_DAT[ ], CHG_POS[ ] and CHG_NEG[ ].
3
TIMR_DAT
0
R
Charge Timer Status. Value is 1 when precondition time-out or total
charge time-out occurs. Value is 0 in other cases.
2
TEMP_DAT
or
BATT_DAT
0
R
Temperature or Battery Installation Status. Value is 1 when battery
temperature is inside of valid range or battery installation is detected.
Value is 0 in other cases.
1
INPUT_DAT
0
R
Input Voltage Detection Status. Value is 1 when CHGIN voltage is valid,
value is 0 when CHGIN voltage is not valid. The valid range is
VUVLO<VCHGIN<VOVP.
0
CHG_DAT
0
R
Charge State Machine Status. Value is 1 when the charger state
machine is in EOC state. Value is 0 in other cases.
Note:
W/R: Write and read accessible. R: Read accessible, writing to the bit does not make change to the volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com