Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 85 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 85 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 79Page - Active-Semi, Inc ACT5880 Datasheet HTML 80Page - Active-Semi, Inc ACT5880 Datasheet HTML 81Page - Active-Semi, Inc ACT5880 Datasheet HTML 82Page - Active-Semi, Inc ACT5880 Datasheet HTML 83Page - Active-Semi, Inc ACT5880 Datasheet HTML 84Page - Active-Semi, Inc ACT5880 Datasheet HTML 85Page - Active-Semi, Inc ACT5880 Datasheet HTML 86Page - Active-Semi, Inc ACT5880 Datasheet HTML 87Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 85 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
The package thermal dissipation is not designed to
handle the total heating generated by run every
circuit at its maximum rating, which is an over-killed
situation for true applications. The sum of nominal
LDO maximum current is 2.18A and the total
DC/DC input equivalent current is 0.95A to 1.06A
for battery voltage 3.6V to 4.2V, which are 2.4W to
3.3W
power
dissipation
respectively
in
the
ACT5880. Those numbers are greater than the
maximum power dissipation for the ACT5880 in FC
FBGA package, what is around 2W at 25°C.
Typical Operation Condition
The worst case thermal budget analysis against the
typical application is necessary. A sample case is
simultaneous video capture and transmission
operation condition. Table 12 is a reference for
thermal budget analysis with experience data.
Users should use their own data to replace those in
this table for their designs.
Table 12:
The Thermal Condition Analysis.
Thermal Budget Allocation during Charging
Reference to the total current in Table 12, what is
over the possible maximum charge current of the
ACT5880. This implies that in worst case there is
no current from adaptor is allocated for charge.
Eventually, the die temperature regulation to charge
current would allocate the thermal budget to other
circuits, to the circuit desired for system operation
firstly.
THERMAL ANALYSIS
CHANNEL
VOLTAGE
(V)
CURRENT
(mA)
BUDGE
T
LOAD BLOCK
OUT1
DC/DC
1.2
Out:600
In:190
0.07
COREs
OUT2
DC/DC
1.8
Out:350
In:165
0.07
Memory
OUT3
DC/DC
5
Out:300
In:390
0.13
4.3’’ Backlight
and OTG
OUT4
2.85
150
0.2
RF TxRx
OUT5
2.85
150
0.2
RF digital
OUT6
2.85
50
0.07
TCXO
OUT7
3
200
0.24
I/O, ROMs
OUT8
2.5
150
0.26
I/O, Memory
OUT9
1.2
50
0.15
PLL
OUT10
3.3
50
0.04
CODEC
OUT11
1.8
25
0.06
SIM
OUT12
1.8
150
0.36
Camera digital
OUT13
2.8
80
0.11
Camera analog
3 OD drivers
0
0
LED
1800
1.96
Total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com