Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 34 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 34 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 30Page - Active-Semi, Inc ACT5880 Datasheet HTML 31Page - Active-Semi, Inc ACT5880 Datasheet HTML 32Page - Active-Semi, Inc ACT5880 Datasheet HTML 33Page - Active-Semi, Inc ACT5880 Datasheet HTML 34Page - Active-Semi, Inc ACT5880 Datasheet HTML 35Page - Active-Semi, Inc ACT5880 Datasheet HTML 36Page - Active-Semi, Inc ACT5880 Datasheet HTML 37Page - Active-Semi, Inc ACT5880 Datasheet HTML 38Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 34 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
0xC8
7
x
0
W/R
For internal use only.
6
x
0
W/R
For internal use only.
5
VSETBB[5]
1
W/R
Voltage setting for back-up battery charger, default 2.7V.
This byte only could be written when the UNLOCBB is set to 1.
Refer to the table of VBBAT VOLTAGE SETTINGS for details.
4
VSETBB[4]
1
3
VSETBB[3]
0
2
VSETBB[2]
1
1
VSETBB[1]
0
0
VSETBB[0]
1
0xC9
7
ONBB
1
W/R
Set 1 enable, set 0 disable the back-up battery charger.
6
ONRTC
1
W/R
Set 1 enable the always-on LDO, which powers the RTC block.
Set 0 disable the always-on LDO for saving power when not used.
5
RFU
0
WE/R Reserved for future use.
4
UNLOCKBB
0
W/R
Set 1 to allow change the back-up battery charger output voltage.
3
SCRATCH[3]
x
W/R
4 bits register for the equipment system to use. Data in those bits
are kept until both the main battery and back-up battery loses.
2
SCRATCH[2]
x
1
SCRATCH[1]
x
0
SCRATCH[0]
x
0xCA
7
x
0
W/R
For internal use only.
6
x
0
W/R
For internal use only.
5
VSETRTC[5]
1
W/R
Always-on LDO output voltage setting, default is 1.8V.
Refer to the STEP-DOWN DC/DC AND LDO OUTPUT VOLT-
AGE SETTING
table for details.
4
VSETRTC[4]
0
3
VSETRTC[3]
0
2
VSETRTC[2]
1
1
VSETRTC[1]
0
0
VSETRTC[0]
0
CHG
0xD0
7
VSET[3]
0
W/R
Battery regulation voltage setting for the voltage output in the top-
off state. The ENVISET[ ] has to be set to 1 for changing these
bits.
Refer to the table of CHARGER VOLTAGE SETTING for details.
6
VSET[2]
1
5
VSET[1]
0
4
VSET[0]
1
3
ISET[3]
0
W/R
Fast charge current setting for the maximum current for fast
charge. The ENVISET[ ] has to be set to1 for changing these bits.
Refer to the table of FAST CHARGING CURRENT SETTING for
details.
2
ISET[2]
1
1
ISET[1]
0
0
ISET[0]
0
BBU
Note:
W/R: Write and read accessible. WE/R: Write and read accessible, write exact what it is before to avoid unexpected
behavior. X is uncertain volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com