Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 28 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 28 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 24Page - Active-Semi, Inc ACT5880 Datasheet HTML 25Page - Active-Semi, Inc ACT5880 Datasheet HTML 26Page - Active-Semi, Inc ACT5880 Datasheet HTML 27Page - Active-Semi, Inc ACT5880 Datasheet HTML 28Page - Active-Semi, Inc ACT5880 Datasheet HTML 29Page - Active-Semi, Inc ACT5880 Datasheet HTML 30Page - Active-Semi, Inc ACT5880 Datasheet HTML 31Page - Active-Semi, Inc ACT5880 Datasheet HTML 32Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 28 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
ODO1
0x70
7
ISCALE1[1]
0
W/R
Set the LSB weight of the linear current setting of the open-drain
driver. [1:0]=00 for 0.4mA, 01 for 0.8mA, 10 for 1.2mA, 11 for
1.6mA.
6
ISCALE1[0]
0
5
ISET1[5]
0
W/R
Driver output current setting in linear code, no offset.
[
5:0]=0 for 0mA output. Full scale output currents are 25.2mA,
50.4mA, 75.6mA and 100.8mA respectively with different LSB
weights.
4
ISET1[4]
0
3
ISET1[3]
0
2
ISET1[2]
0
1
ISET1[1]
0
0
ISET1[0]
0
0x71
7
DUTY1[7]
0
W/R
PWM duty setting. [7:0]=0x00 for 0%, [7:0]=0xFF for 100%.
For linear duty setting option, the LSB weight is 0.4% for code
0x00 to 0xFE, which is 0% to 99.2% of duty. The code 0xFF is
forced for 100% duty.
For the non-linear duty setting option, refer to the table of NON-
LINEAR DUTY SETTING for code to duty cross.
6
DUTY1[6]
0
5
DUTY1[5]
0
4
DUTY1[4]
0
3
DUTY1[3]
0
2
DUTY1[2]
0
1
DUTY1[1]
0
0
DUTY1[0]
0
ODO2
0x73
7
ISCALE2[1]
0
W/R
6
ISCALE2[0]
0
5
ISET2[5]
0
W/R
Driver output current setting in linear code, no offset.
[
5:0]=0 for 0mA output. Full scale output currents are 25.2mA,
50.4mA, 75.6mA and 100.8mA respectively with different LSB
weights.
4
ISET2[4]
0
3
ISET2[3]
0
2
ISET2[2]
0
1
ISET2[1]
0
0
ISET2[0]
0
0x74
7
DUTY2[7]
0
W/R
PWM duty setting. [7:0]=0x00 for 0%, [7:0]=0xFF for 100%.
For linear duty setting option, the LSB weight is 0.4% for code
0x00 to 0xFE, which is 0% to 99.2% of duty. The code 0xFF is
forced for 100% duty.
For the non-linear duty setting option, refer to the table of NON-
LINEAR DUTY SETTING for code to duty cross.
6
DUTY2[6]
0
5
DUTY2[5]
0
4
DUTY2[4]
0
3
DUTY2[3]
0
2
DUTY2[2]
0
1
DUTY2[1]
0
0
DUTY2[0]
0
Set the LSB weight of the linear current setting of the open-drain
driver. [1:0]=00 for 0.4mA, 01 for 0.8mA, 10 for 1.2mA, 11 for
1.6mA.
Note:
W/R: Write and read accessible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com