Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 77 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 77 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 73Page - Active-Semi, Inc ACT5880 Datasheet HTML 74Page - Active-Semi, Inc ACT5880 Datasheet HTML 75Page - Active-Semi, Inc ACT5880 Datasheet HTML 76Page - Active-Semi, Inc ACT5880 Datasheet HTML 77Page - Active-Semi, Inc ACT5880 Datasheet HTML 78Page - Active-Semi, Inc ACT5880 Datasheet HTML 79Page - Active-Semi, Inc ACT5880 Datasheet HTML 80Page - Active-Semi, Inc ACT5880 Datasheet HTML 81Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 77 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
To clear the RTC wake-up alarm interrupt:
Set bit nWKALM[ ] = 1 ;
Read byte 0x3C;
Read byte 0x3D.
To disable the RTC wake-up alarm:
Set bit nWKALM[ ] = 1;
Set bit RAAI[ ] = 0.
And every change interrupt is also available in the
ACT5880, enabled by setting respective register bits
of the RDAI[ ], RHAI[ ], RMAI[ ] and RSAI[ ]. This
functions helps in maintaining the clock display
refresh against the day counts changes, the hour
counts changes, the minute counts changes and the
second counts changes. When the every change
happens, the interrupt output is kept for 0.5s for
second change, for 1s for minute change, hour
change and day change. Resetting respective
enabling bit to 0 clears the interrupt output
immediately.
Oscillator Square Wave Output
The CLK32 is the shaped output of the oscillator, an
open-drain output that requires an external pull-up
resistor. The pull-up resistor is pulled-up to the same
rail that powers the circuit that wants the clock input,
is easy for logic level interfacing between the RTC
circuit and the system. The pull-up resistance is
selected against the edge slope rate wanted and the
parasitic capacitance of the connection, which is
typically in range of 7pF to 35pF for pins and normal
trace width of 5mil to 10mil and length of 400mil to
1000mil. Typically, a 300k resistance is the highest
volume acceptable to most systems and placing the
resistor close to the input pin provides slightly better
performance. Refer to Figure 14 for the circuit
diagram.
Figure 14:
The Output Circuit of the CLK32 Output.
ACT5880
CLK32
System
RDDW
System VCC
(Placed close
to input side )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com