Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 80 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 80 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 76Page - Active-Semi, Inc ACT5880 Datasheet HTML 77Page - Active-Semi, Inc ACT5880 Datasheet HTML 78Page - Active-Semi, Inc ACT5880 Datasheet HTML 79Page - Active-Semi, Inc ACT5880 Datasheet HTML 80Page - Active-Semi, Inc ACT5880 Datasheet HTML 81Page - Active-Semi, Inc ACT5880 Datasheet HTML 82Page - Active-Semi, Inc ACT5880 Datasheet HTML 83Page - Active-Semi, Inc ACT5880 Datasheet HTML 84Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 80 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
rise far beyond a thermal threshold of nominal
100°C. The current reduction is about 50mA/°C for
die temperature over the threshold. This feature
prevents the ACT5880 from excessive junction
temperature and makes it more accommodating of
aggressive thermal designs without risk of damage.
When the thermal regulation reduces the current, it
takes longer time to charge the battery. The thermal
regulation is counted in end of charge detection,
which assures that the battery could be charged to
the same status as a normal charged battery when
the end of charge detected.
Figure 17:
The Charging Profile of the ACT5880 Charger.
Charger State-Machine
The I and V parameter changes, input condition and
the time-out outputs of 2 timers trigger the state
transitions.
State Transition Table
The LDO mode is a lonely state when the BATID
detection is configured and the BATID reads invalid.
The other states are subset available when the
BATID reads valid or the BATID detection is not
configured. Refer to Table 11 for transition details.
Pre-condition State
When the VVBAT is less than the precondition
threshold voltage, the cell is charged at a reduced
current of either 45mA or 10% of the fast charge
current, whichever is the greater.
Fast-Charge State
When VVBAT is greater than the precondition
threshold and before it reaches to the battery
regulation voltage, or over 200mV falls down from
the battery regulation voltage, the charger operates
in fast-charge state, when the cell is charged with
the fast charge current, or a less current restricted
by the thermal regulation and power source
capability. Once the VVBAT reaches the battery
regulation voltage; the state machine jumps into
Top-Off State.
Table 11:
The State Transition Summary.
Note: The PTV stands for pre-condition threshold voltage, the
BRV stands for battery regulation voltage, the ICHG stands for
charge path current and the IEOC stands for end of charge
current.
Top-Off State
In the Top-Off state, the cell is charged in constant
voltage mode where the VVBAT is regulated at
battery regulation voltage, which equals to the
charge termination voltage specified in battery
specification. The charge current goes less and less
from the fast charge current as the charging is on
and on, against the chemical and physical
composition changes in the cell. Once the charge
current goes less than the end of charge current
threshold, the state machine jumps into Sleep State
while the cell is recognized as full charged, the
state is also the state of Sleep.
Precondition
Fast charge
Top-off
Suspend
(or floating)
Endof charge
threshold
(current)
Precondition
threshold
(voltage )
VBAT regulation
(voltage)
Top-off start
(voltage)
Precondition regulation
(current)
Fast charge
regulation (current)
ICHARGE
VVBAT
Current=0
t
Expended scale
CURRENT
STATE
NEXT STATE
CONDITIONS
Any state
Sleep
VCHGIN<VVBAT,
SUSCHG=1 or
(total charge timer
time-out)
Any state
Temp-Fault
Battery Temp Out
of Range
Temp-Fault
Sleep
Battery Temp is OK
Pre-condition
Time-Fault
Pre-condition timer
times-out.
Time-Fault
Sleep
Presumably battery
replaced.
Sleep
Fast-Charge
SUSCHG=0, VCHGIN
valid and VVBAT<
(BRV-200mV)
Pre-condition
Fast-Charge
VVBAT>PTV, not
Temp-Fault.
Fast-Charge
Top-Off
VVBAT=BRV and not
(Total Charge Time-
Out )
Top-Off
Sleep
ICHG=IEOC and
not (Charge Time-
Out )
Sleep
Pre-condition
VVBAT<PTV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com