Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 37 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 37 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 33Page - Active-Semi, Inc ACT5880 Datasheet HTML 34Page - Active-Semi, Inc ACT5880 Datasheet HTML 35Page - Active-Semi, Inc ACT5880 Datasheet HTML 36Page - Active-Semi, Inc ACT5880 Datasheet HTML 37Page - Active-Semi, Inc ACT5880 Datasheet HTML 38Page - Active-Semi, Inc ACT5880 Datasheet HTML 39Page - Active-Semi, Inc ACT5880 Datasheet HTML 40Page - Active-Semi, Inc ACT5880 Datasheet HTML 41Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 37 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
TSC
ADC
0xF0
7
nEN
1
W/R
Set bit to 0 to enable the TSC ADC block, set bit to 1 to disable it.
6
SINGLE
0
W/R
Set bit to 1 for one channel only acquisition, set bit to 0 for multi-
channel scanning.
5
CHANNEL[2]
0
W/R
4
CHANNEL[1]
0
3
CHANNEL[0]
0
2
CH03
0
W/R
Set bit to 1 for scanning channel 0 to channel 3, set bit to 0 for
not scanning. Refer to the REGISTER AND BIT DESCRIPTIONS
section for CHANNEL[2], CHANNEL[1] and CHANNEL[0] for
channel coding.
1
CH47
0
W/R
Set bit to 1 for scanning channel 4 to channel 7, set bit to 0 for
not scanning. Refer to the REGISTER AND BIT DESCRIPTIONS
section descriptions for CHANNEL[2], CHANNEL[1] and
CHANNEL[0] for channel coding.
0
ACQ
0
W/R
Write and read for different functions. Set bit from 0 to 1
initializes an acquisition procedure designated by the SINGLE,
CHANNEL[2:0] or CH03, CH47.
0xF1
7
CLEN
0
W/R
Data Length of Conversion. Set bit to 0 for 12 bits, set bit to 1 for
8 bits.
6
PENWKEN
0
W/R
Pen Entry Wake-up Enable. Set bit to 1 to allow waking-up
against pen entry.
5
PENSTAT
R
R
Pen Touch Detection Instant Status. Read back value is 1 for in
touching, read back value is 0 for no touching.
4
PENIRQ
R
R
Pen Touch Detection Interrupt Status. Read back value is 1 when
a pen touch interrupt is generated and it is automatically cleared
to 0 upon reading. Read back value is 0 when no interrupt is
generated.
3
DATARDY
R
R
Data Ready Interrupt Status. Read back value is 1 when the data
ready interrupt is generated and it is automatically cleared to 0
upon reading. Read back value is 0 when no interrupt generated.
To start a new conversion, this bit must be cleared to 0.
2
nAUTO
1
W/R
Acquisition Starting Mode Setting.
Set bit to 1 for starting acquisition by when the ACQ bit is set 1.
Set bit to 0 for automatic starting by when pen touch is detected.
The interrupt asserts only when the acquisition completes and
the data is ready.
1
PENMASK
0
W/R
Write or read for different functions. Pen Touch Interrupt Mask.
Set bit to 1 to mask the pen touch detection interrupt, set bit to 0
to allow pen touch detection interrupt.
0
DATAMASK
0
W/R
Write or read for different functions. Data Ready Interrupt Mask.
Set bit to 1 to mask the data ready interrupt, set bit to 0 to allow
data ready interrupt.
Specify which channel to measure for one channel only
acquisition.
Channel[2:0]=0 for X-coordinate position, 1 for Y-coordinate
position, 2 for Z-coordinate position 1, 3 for Z-coordinate position
2, 4 for AUX0, 5 for AUX1, 6 for AUX2 and 7 for AUX3.
Note:
W/R: Write and read accessible. R: Read accessible, writing to the bit does not make change to the volume. WE/R: Write
and read accessible, write exact what it is before to avoid unexpected behavior. X is uncertain volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com