Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 68 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 68 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 64Page - Active-Semi, Inc ACT5880 Datasheet HTML 65Page - Active-Semi, Inc ACT5880 Datasheet HTML 66Page - Active-Semi, Inc ACT5880 Datasheet HTML 67Page - Active-Semi, Inc ACT5880 Datasheet HTML 68Page - Active-Semi, Inc ACT5880 Datasheet HTML 69Page - Active-Semi, Inc ACT5880 Datasheet HTML 70Page - Active-Semi, Inc ACT5880 Datasheet HTML 71Page - Active-Semi, Inc ACT5880 Datasheet HTML 72Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 68 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
General Description
There are total 13 low drop-out linear regulators in
the ACT5880. Except for the one for backup battery
charger and the always-on LDO, the rest 11 LDOs
have similar way to control and to program through
the access of sets of registers, but the one tied for
REG2 has an additional control access though a
joint manipulation. Refer to Table 5 for a quick
summary of output currents and default output
voltages for each LDOs.
Table 5
The Key Specifications of LDOs.
The OUT6 and the OUT9 also have pin control
inputs for controlling their on/off together with the
on/off bit controls through the register access.
When both the ON bit and ON pin input are used for
control, the later change takes effect. Upon the
power up, if the default of ON bit is different than
the ON pin input, the OUT is ON. In other words,
the OUT upon power on is off only both the ON bit
and ON pin input are set for off. This arbitration is
enough and does well to most cases. However, if
one input sets the OUT to have a status that it
already outputs for in the condition that the OUT
sets for the complementary status by other input,
the input should send out a toggle, instead of repeat
the same logic volume.
Output Current Limit
Each LDO contains current-limit circuitry featuring a
current-limit fold-back function. During normal and
moderate overload conditions, the regulators can
support more than their rated output currents.
During extreme overload conditions, however, the
current limit is reduced by approximately 30%,
reducing power dissipation within the IC.
Configuration Options
Output Voltage Programming
By default, each LDO powers up and regulates to
its default output voltage. Once the system is
enabled, each output voltage may be independently
programmed to a different value by writing to the
regulator's VSET[-] register via the I2C serial
interface as shown in the STEP-DOWN DC/DC
and LDO OUTPUT VOLTAGE SETTING table.
Enable / Disable Control
During normal operation, each LDO may be
enabled or disabled via the I2C interface by writing
to that LDO's ON[ ] bit. To enable the LDO set ON[ ]
to 1, to disable the LDO clear ON[ ] to 0.
Output Discharge
Each of the ACT5880’s LDOs features an optional
output discharge function, which discharges the
output to ground through a 1kΩ resistance when the
LDO is disabled. This feature may be enabled or
disabled by setting DIS[-] via; set DIS[-] to 1 to
enable this function, clear DIS[-] to 0 to disable it.
Low-Power Mode
Each of ACT5880's LDOs features a LOWIQ[-] bit
which, when set to 1, reduces the LDO's quiescent
current by about 30%, saving power and extending
battery lifetime.
OK[ ] and Output Fault Interrupt
Each LDO features a power-OK status bit that can
be read by the system microprocessor via the
interface. If an output voltage is lower than the
power-OK threshold, typically 7% below the
programmed regulation voltage, the value of that
regulator's OK[-] bit will be 0.
If a LDO's nFLTMSK[-] bit is set to 1, the ACT5880
will interrupt the processor if that LDO's output
voltage falls below the power-OK threshold. In this
case, nIRQ will assert low and remain asserted until
the OK[-] bit has been read via I2C.
LOW-NOISE, LOW-DROPOUT LINEAR REGULATORS
NAME
DEFAULT
STATUS
REG4
ON
REG5
ON
REG6
OFF
REG7
ON
REG8
ON
REG9
OFF
DEFAULT
OUTPUT(V)
2.9
2.9
2.9
3.0
2.5
1.2
MAXIMUM
OUTPUT
(mA)
360
250
360
360
360
250
REG10
ON
3.3
150
REG11
OFF
1.8
80
REG12
OFF
1.8
250
REG13
OFF
2.8
150
LDO tied in
REG2
OFF
1.8
10
Backup Battery
Charger
ON
2.7
5
Always-on LDO
ON
1.8
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com