Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 48 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 48 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 44Page - Active-Semi, Inc ACT5880 Datasheet HTML 45Page - Active-Semi, Inc ACT5880 Datasheet HTML 46Page - Active-Semi, Inc ACT5880 Datasheet HTML 47Page - Active-Semi, Inc ACT5880 Datasheet HTML 48Page - Active-Semi, Inc ACT5880 Datasheet HTML 49Page - Active-Semi, Inc ACT5880 Datasheet HTML 50Page - Active-Semi, Inc ACT5880 Datasheet HTML 51Page - Active-Semi, Inc ACT5880 Datasheet HTML 52Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 48 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
STEP-UP DC/DC ELECTRICAL CHARACTERISTICS
(VPOWER = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
VVBAT
2.7
6
V
UVLO
VVBAT
2.5
2.6
2.7
UVLO Hysteresis
100
mV
Output Programming Range
3
41.4
V
Output Voltage Accuracy
IOUT=10mA.
-3
3
%
Maximum Load Current
VPOWER=4.2V, VOUT3=5V, Voltage regulation option.
0.5
A
FB3 Feedback Voltage
Not available in voltage regulation mode,
contact Active-semi for more details.
/
mV
FB3 Input Current
/
nA
Turn-On Propagation Delay
From the I2C last bit latched or PWRHLD set 1 to
output changes.
150
µs
Soft Start Ramp Time,
voltage regulation option.
Time between 2 intersection points of the ramp
slope and 2 voltages; 0% and 100% of the final, no
and full load.
200
Switch Frequency
Normal operation, is the system oscillator
frequency.
1.8
2
2.2
MHz
Minimum Off-Time
40
ns
Minimum On-Time
75
90
Efficiency
Voltage regulation option, VOUT3=5V, Load=200mA.
90
%
Switch Current Limit
0.75
A
OK Threshold to Normal
Ratio
OK[ ] asserts 0
93
%
No Load Current
Switch in operation
1300
µA
Shutdown Current
1
Switch stops
80
Note:
The VPOWER is the voltage input that the Step-up DC/DC inductor connects to.
See the TYPICAL PERFORMANCE CHARACTERISTICS for:
The REG3 Start up Waveform, Full Load.
The REG3 Step Transition Response, Full Load.
The REG3 Efficiency Plot.
The REG3 Load Transition Response.
The REG3 External PWM Modulation to Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com