Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 36 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 36 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 32Page - Active-Semi, Inc ACT5880 Datasheet HTML 33Page - Active-Semi, Inc ACT5880 Datasheet HTML 34Page - Active-Semi, Inc ACT5880 Datasheet HTML 35Page - Active-Semi, Inc ACT5880 Datasheet HTML 36Page - Active-Semi, Inc ACT5880 Datasheet HTML 37Page - Active-Semi, Inc ACT5880 Datasheet HTML 38Page - Active-Semi, Inc ACT5880 Datasheet HTML 39Page - Active-Semi, Inc ACT5880 Datasheet HTML 40Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 36 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
CHG
0xD9
7
TIMR_PRE
0
W/R
Pre-charge Time-out Interrupt Mask. Set both this bit and
TIMR_STAT[ ] to 1 to allow interrupt when a Pre-charge time-out
event occurs.
6
TEMP_POS
or
BATT_POS
0
W/R
Battery Temperature or Battery Installation Detection Interrupt
Mask. Write this bit with TEMP_STAT[ ] (BATT_STAT[ ]) to 1 to
allow interrupt when the main battery temperature goes into the
valid range or when the main battery is being installed.
5
INPUT_POS
0
W/R
Input Voltage Interrupt Mask. Write this bit with INPUT_STAT[ ] to
1 to allow interrupt when CHGIN input voltage goes into the valid
range. The valid range is VUVLO<VCHGIN<VOVP.
4
CHG_POS
0
W/R
Charge State Interrupt Mask. Write this bit with CHG_STAT[ ] to
1 to allow interrupt when the state machine gets in the EOC state.
3
TIMR_TOT
0
W/R
Total Charge Time-out Interrupt Mask. Set both this bit and
TIMR_STAT[ ] to 1 to allow interrupt when a total charge time-out
event occurs.
2
TEMP_NEG
or
BATT_NEG
0
W/R
Battery Temperature or Battery Installation Detection Interrupt
Mask. Write this bit with TEMP_STAT[ ] (BATT_STAT[ ]) to 1 to
allow interrupt when the main battery temperature goes out of the
valid range or when the main battery is being removed.
1
INPUT_NEG
0
W/R
Input Voltage Interrupt Mask. Write this bit with INPUT_STAT[ ] to
1 to allow interrupt when CHGIN input voltage goes out of the
valid range. The valid range is VUVLO<VCHGIN<VOVP.
0
CHG_NEG
0
W/R
Charge State Interrupt Mask. Write this bit with CHG_STAT[ ] to
1 to allow interrupt when the state machine gets out of the EOC
state.
0xDA
7
RFU
x
WE/R Reserved for future use.
6
RFU
x
WE/R Reserved for future use.
5
CHGSTAT0
0
R
4
0
R
3
RFU
x
R
Reserved for future use.
2
x
x
x
Not used.
1
x
x
x
Not used.
0
x
x
x
Not used.
Charger Status. [1:0]=00, charger is off for forced suspend, time-
out fault, battery temperature invalid, and operation in LDO
mode; 01 is for in Sleep state; 10 is for in the Fast-Charge state,
the Top-off state; 11 is for in the Pre-condition state.
CHGSTAT1
Note:
W/R: Write and read accessible. R: Read accessible, writing to the bit does not make change to the volume. WE/R: Write
and read accessible, write exact what it is before to avoid unexpected behavior. X is uncertain volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com