Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 53 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 53 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 49Page - Active-Semi, Inc ACT5880 Datasheet HTML 50Page - Active-Semi, Inc ACT5880 Datasheet HTML 51Page - Active-Semi, Inc ACT5880 Datasheet HTML 52Page - Active-Semi, Inc ACT5880 Datasheet HTML 53Page - Active-Semi, Inc ACT5880 Datasheet HTML 54Page - Active-Semi, Inc ACT5880 Datasheet HTML 55Page - Active-Semi, Inc ACT5880 Datasheet HTML 56Page - Active-Semi, Inc ACT5880 Datasheet HTML 57Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 53 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REAL TIME CLOCK ELECTRICAL CHARACTERISTICS
(VVBAT = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Minimum Sustainable Supply
Crystal type: MC-146;TXC 9H03200010; AB38T.
1.2
V
Oscillation Starting Supply
1.4
Maximum Supply Voltage
3.6
Maintaining Operation Current
No alarm enabled.
5
µA
Shutdown Current
Disabled.
100
nA
CLK32K Output Duty
Test with 5kΩ pull-up to 1.8V.
10
90
%
CLK32K Cycle to Cycle Jitter
Falling edge to falling edge, evaluated for 100ms.
ns
OC Output Low
10mA sinking.
0.3
Maximum OC Pull-up Voltage
5.5
OC Pin Capacitance
OC output off, the board and stripe parasitic removed.
2
pF
V
PARAMETER
TEST CONDITIONS
MIN TYP MAX UNIT
Current Adjustment Weight
ISCALE_[1:0]=00
0.4
mA/bit
ISCALE_[1:0]=01
0.8
ISCALE_[1:0]=10
1.2
ISCALE_[1:0]=11
1.6
Output Current Range
Programmable by setting ISET_[5:0]=000000 to 111111
0
100.8
mA
Absolute Current Error
ISCALE_[1:0]
=
01,
ISET_[5:0]
=
100000
for 25.6mA.
Sinks from 1V source
-2.5
2.5
Chanel to Chanel Mismatch
0.5
2.5
Load Regulation
ODO1, ODO2 and ODO3, current change
for sinking from 1V to sinking from 2.5V;
ODO1 also from 2V to from 5V.
0.2
0.3
0.2
0.3
Output Low Voltage
Feed in with 5mA from external source.
0.35
V
Leakage Current
ODO1, sinking from 40V source.
5
µA
ODO2, ODO3, sinking from 5.5V source.
1
Internal PWM Frequency
244
Hz
PWM Duty Adjustment
Linear adjustment option, non-linear adjustment option.
0
100
Chanel to Chanel Delay
BUFFER[ ]=1 (if set 0, the delay is 1/4 of the PWM cycle).
1
ms
Current-On Slew Rate
ODO2, ODO3
40
mA/µs
ODO1
15
Over-eating TemperatureNOTE
135
°C
Operation Current
ISET_[5:0]=000001
27
µA
Shutdown Current
ISET_[5:0]=000000
1
mA
OPEN-DRAIN DRIVER ELECTRICAL CHARACTERISTICS
(VVBAT = 3.6V, TA = 25°C, unless otherwise specified.)
Note: Guaranteed by design verification, characterization and production process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com