Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 24 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 24 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 20Page - Active-Semi, Inc ACT5880 Datasheet HTML 21Page - Active-Semi, Inc ACT5880 Datasheet HTML 22Page - Active-Semi, Inc ACT5880 Datasheet HTML 23Page - Active-Semi, Inc ACT5880 Datasheet HTML 24Page - Active-Semi, Inc ACT5880 Datasheet HTML 25Page - Active-Semi, Inc ACT5880 Datasheet HTML 26Page - Active-Semi, Inc ACT5880 Datasheet HTML 27Page - Active-Semi, Inc ACT5880 Datasheet HTML 28Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 24 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
REG6
0x48
7
x
0
W/R For internal use only.
6
x
0
W/R
5
VSET[5]
1
W/R
Voltage Setting for the REG6 output. Default setting is 2.9V.
Refer to the STEP-DOWN DC/DC AND LDO OUTPUT VOLTAGE
SETTING
table for details.
4
VSET[4]
1
3
VSET[3]
0
2
VSET[2]
1
1
VSET[1]
0
0
VSET[0]
1
0x49
7
ON
0
W/R
Regulator On/Off Bit. Set bit to 1 to turn on the regulator, set bit to 0
to turn off the regulator.
6
DIS
0
W/R
Output Discharge Control. Set bit to 1 to discharged the LDO output
to GA through 1.5kΩ resistor when in shutdown.
5
LOWIQ
0
W/R
LDO Low-IQ Mode Control. Set bit to 1 for low quiescent current
mode, set bit to 0 for normal mode.
4
DELAY[2]
0
Regulator Turn-On Delay Control. DELAY[2:0]=000 for no delay.
Other code to delay relationship: 001 for 2ms, 010 for 4ms, 011 for
8ms, 100 for 16ms, 101 for 32ms, 110 for 64ms and 111 for 128ms.
There is a propagation delay for about 100μs if selecting no delay.
3
DELAY[1]
0
2
DELAY[0]
0
1
nFLTMSK
0
W/R
Regulator Fault Interrupt Mask. Set bit to 1 to enable fault-interrupt
when the output is out of regulation, set bit to 0 to disable fault-
interrupt.
0
OK
R
R
Regulator Power-OK Status. Value is 0 when the output is out of
regulation, value is 1 when the output is in regulation.
REG7
0x4C
7
x
0
W/R For internal use only.
6
x
0
W/R
5
VSET[5]
1
W/R
Voltage Setting for the REG7 output. Default setting is 3.0V.
Refer to the STEP-DOWN DC/DC AND LDO OUTPUT VOLTAGE
SETTING
table for details.
4
VSET[4]
1
3
VSET[3]
0
2
VSET[2]
1
1
VSET[1]
1
0
VSET[0]
0
0x4D
7
ON
1
W/R
Regulator On/Off Bit. Set bit to 1 to turn on the regulator, set bit to 0
to turn off the regulator.
6
DIS
0
W/R
Output Discharge Control. Set bit to 1 to discharged the LDO output
to GA through 1.5kΩ resistor when in shutdown.
5
LOWIQ
0
W/R
LDO Low-IQ Mode Control. Set bit to 1 for low quiescent current
mode, set bit to 0 for normal mode.
4
DELAY[2]
0
W/R
Regulator Turn-On Delay Control. DELAY[2:0]=000 for no delay.
Other code to delay relationship: 001 for 2ms, 010 for 4ms, 011 for
8ms, 100 for 16ms, 101 for 32ms, 110 for 64ms and 111 for 128ms.
There is a propagation delay for about 100μs if selecting no delay.
3
DELAY[1]
0
2
DELAY[0]
0
1
nFLTMSK
0
W/R
Regulator Fault Interrupt Mask. Set bit to 1 to enable fault-interrupt
when the output is out of regulation, set bit to 0 to disable fault-
interrupt.
0
OK
R
R
Regulator Power-OK Status. Value is 0 when the output is out of
regulation, value is 1 when the output is in regulation.
W/R
Note:
W/R: Write and read accessible. R: Read accessible, writing to the bit does not make change to the volume. WE/R: Write
and read accessible, write exact what it is before to avoid unexpected behavior. X is uncertain volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com