Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT5880 Datasheet HTML 1Page - Active-Semi, Inc ACT5880 Datasheet HTML 2Page - Active-Semi, Inc ACT5880 Datasheet HTML 3Page - Active-Semi, Inc ACT5880 Datasheet HTML 4Page - Active-Semi, Inc ACT5880 Datasheet HTML 5Page - Active-Semi, Inc ACT5880 Datasheet HTML 6Page - Active-Semi, Inc ACT5880 Datasheet HTML 7Page - Active-Semi, Inc ACT5880 Datasheet HTML 8Page - Active-Semi, Inc ACT5880 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 5 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
PACKAGE APPEARANCE AND TOP MARKS
ORDERING INFORMATION
PART NUMBER
VOUT1/VSTBY1
VOUT2
REG3 MODE
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
ACT5880WX1150-T
1.2V/1.2V
1.8V
Voltage
5V
2.9V
2.9V
2.9V
3.0V
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: Drive VSEL to a logic high to select VSTBY1 as a output regulation voltage of REG1. The VSTBY1 can be set by software via I
2C
interface, refer to appropriate sections of this datasheet for VSTBY1 setting.
PACKAGE
PINS
TEMPERATURE RANGE
FBGA
81
-40°C to +85°C
PART NUMBER
ACT5880WX1150-T
PACKING
Tape and Reel
VOUT8
VOUT9
VOUT10
VOUT11
VOUT12
VOUT13
VVBAT
VBBAT
ILIMBB
VALIVE
2.5V
1.2V
3.3V
1.8V
1.8V
2.8V
4.2V
2.7V
5mA
1.8V
OPEN DRAIN DRIVER
DUTY SETTING OPTION
BATTERY INSTALLATION
DETECTION OPTION
BATTERY THERMAL
CONDITION OPTION
BATTERY THERMAL OR
BATTERY INSTALLATION
INTERRUPT OPTION
Linear
Enable
Enable
Battery Thermal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com