Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 47 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 47 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 43Page - ON Semiconductor AR0330 Datasheet HTML 44Page - ON Semiconductor AR0330 Datasheet HTML 45Page - ON Semiconductor AR0330 Datasheet HTML 46Page - ON Semiconductor AR0330 Datasheet HTML 47Page - ON Semiconductor AR0330 Datasheet HTML 48Page - ON Semiconductor AR0330 Datasheet HTML 49Page - ON Semiconductor AR0330 Datasheet HTML 50Page - ON Semiconductor AR0330 Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
47
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Sensor Readout
Window Control
The sequencing of the pixel array is controlled by the x_addr_start, y_addr_start, x_ad-
dr_end, and y_addr_end registers. The x_addr_start equal to 6 is the minimum setting
value. The y_addr_start equal to 6 is the minimum setting value. Please refer to Table 33
and Table 34 for details.
Readout Modes
Horizontal Mirror
When the horizontal_mirror bit (R0x3040[14]) is set in the image_orientation register,
the order of pixel readout within a row is reversed, so that readout starts from x_ad-
dr_end + 1and ends at x_addr_start. Figure 31 on page 47 shows a sequence of 6 pixels
being read out with R0x3040[14] = 0 and R0x3040[14] = 1. Changing R0x3040[14] causes
the Bayer order of the output image to change; the new Bayer order is reflected in the
value of the pixel_order register.
Figure 31:
Effect of Horizontal Mirror on Readout Order
Vertical Flip
When the vertical_flip bit (R0x3040[15]) is set in the image_orientation register, the order
in which pixel rows are read out is reversed, so that row readout starts from y_addr_end
and ends at y_addr_start. Figure 30 shows a sequence of 6 rows being read out with
Table 33:
Pixel Column Configuration
Column Address
Number
Type
Notes
0–5
6
Active
Border columns
6–2309
2304
Active
Active columns
2310–2315
6
Active
Border columns
Table 34:
Pixel Row Configuration
Row Address
Number
Type
Notes
2–5
4
Active
Not used in case of “edge effects”
6–1549
1544
Active
Active rows
1550–1555
6
Active
Not used in case of “edge effects”
G0[11:0] R0[11:0] G1[11:0] R1[11:0] G2[11:0] R2[11:0]
G3[11:0] R2[11:0] G2[11:0] R1[11:0] G1[11:0] R0[11:0]
LINE_VALID
horizontal_mirror = 0
DOUT[11:0]
horizontal_mirror = 1
DOUT[11:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com