Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 68 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 68 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 64Page - ON Semiconductor AR0330 Datasheet HTML 65Page - ON Semiconductor AR0330 Datasheet HTML 66Page - ON Semiconductor AR0330 Datasheet HTML 67Page - ON Semiconductor AR0330 Datasheet HTML 68Page - ON Semiconductor AR0330 Datasheet HTML 69Page - ON Semiconductor AR0330 Datasheet HTML 70Page - ON Semiconductor AR0330 Datasheet HTML 71Page - ON Semiconductor AR0330 Datasheet HTML 72Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
68
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Spectral Characteristics
Note:
The CRA listed in the advanced data sheet described the 2048x1536 field of view (2.908mm image
height). This information was sufficient for configuring the sensor to read both the 4:3
(2048x1536) and 16:9 (2304x1296) aspect ratios. The CRA information listed in the data sheet has
now been updated to represent the entire pixel array (2304x1536).
Read the Sensor CRA
Follow the steps below to obtain the CRA value of the Image Sensor:
1. Set the register bit field R0x301A[5] = 1.
2. Read the register bit fields R0x31FA[11:9].
3. Determine the CRA value according to Table 45.
Table 44:
Chief Ray Angle (CRA) 25 °
Image Height
CRA
%
mm
deg.
00
0
5
0.152
2.24
10
0.305
4.50
15
0.457
6.75
20
0.609
0.895
25
0.761
11.11
30
0.914
13.19
35
1.066
15.20
40
1.218
17.10
45
1.371
18.88
50
1.523
20.50
55
1.675
21.95
60
1.828
23.18
65
1.980
24.17
70
2.132
24.89
75
2.284
25.35
80
2.437
25.54
85
2.589
25.51
90
2.741
25.33
95
2.894
25.11
100
3.046
25.01
Table 45:
CRA Value
Binary Value of R0x31FA[11:9]
CRA Value
000
0
001
21
010
25
011
12
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
10
20
30
40
50
60
70
80
90
100
110
Image Height (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com