Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 71 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 71 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 67Page - ON Semiconductor AR0330 Datasheet HTML 68Page - ON Semiconductor AR0330 Datasheet HTML 69Page - ON Semiconductor AR0330 Datasheet HTML 70Page - ON Semiconductor AR0330 Datasheet HTML 71Page - ON Semiconductor AR0330 Datasheet HTML 72Page - ON Semiconductor AR0330 Datasheet HTML 73Page - ON Semiconductor AR0330 Datasheet HTML 74Page - ON Semiconductor AR0330 Datasheet HTML 75Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
71
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Packages
Table 46:
CSP (MIPI/HiSPi) Package Dimensions
Parameter
Symbol
Nominal
Min
Max
Nominal
Min
Max
Millimeters
Inches
Package Body Dimension X
A
6.278
6.253
6.303
0.247
0.246
0.248
Package Body Dimension Y
B
6.648
6.623
6.673
0.262
0.261
0.263
Package Height
C
0.700
0.645
0.745
0.028
0.025
0.029
Cavity height (glass to pixel distance)
C4
0.041
0.037
0.045
0.002
0.001
0.002
Glass Thickness
C3
0.400
0.390
0.410
0.016
0.015
0.016
Package Body Thickness
C2
0.570
0.535
0.605
0.022
0.021
0.024
Ball Height
C1
0.130
0.100
0.160
0.005
0.004
0.006
Ball Diameter
D
0.250
0.220
0.280
0.010
0.009
0.011
Total Ball Count
N
64
Ball Count X axis
N1
8
Ball Count Y axis
N2
8
UBM
U
0.280
0.270
0.290
0.011
0.011
0.011
Pins Pitch X axis
J1
0.650
0.026
Pins Pitch Y axis
J2
0.650
0.026
BGA ball center to package center offset in
X-direction
X
0.000
-0.025
0.025
0.000
-0.001
0.001
BGA ball center to package center offset in
Y-direction
Y
0.000
-0.025
0.025
0.000
-0.001
0.001
BGA ball center to chip center offset in X-
direction
X1
0.000
-0.014
0.014
0.000
-0.001
0.001
BGA ball center to chip center offset in Y-
direction
Y1
0.000
-0.014
0.014
0.000
-0.001
0.001
Edge to Ball Center Distance along X
S1
0.864
0.834
0.894
0.034
0.033
0.035
Edge to Ball Center Distance along Y
S2
1.049
1.019
1.079
0.041
0.040
0.042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com