Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 45 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 41Page - ON Semiconductor AR0330 Datasheet HTML 42Page - ON Semiconductor AR0330 Datasheet HTML 43Page - ON Semiconductor AR0330 Datasheet HTML 44Page - ON Semiconductor AR0330 Datasheet HTML 45Page - ON Semiconductor AR0330 Datasheet HTML 46Page - ON Semiconductor AR0330 Datasheet HTML 47Page - ON Semiconductor AR0330 Datasheet HTML 48Page - ON Semiconductor AR0330 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
45
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Data Pedestal
Each digital gain can be configured from a gain of 0 to 15.875. The digital gain supports
128 gain steps per 6dB of gain. The format of each digital gain register is “xxxx.yyyyyyy”
where “xxxx” refers an integer gain of 1 to 15 and “yyyyyyy” is a fractional gain ranging
from 0/128 to 127/128.
The sensor includes a digital dithering feature to reduce quantization resulting from
using digital gain can be implemented by setting R0x30BA[5] to 1. The default value is 0.
Refer to “Real-Time Context Switching” on page 47 for the analog and digital gain regis-
ters in both context A and context B modes.
Refer to “Real-Time Context Switching” on page 57 for the analog and digital gain regis-
ters in both context A and context B modes.
Data Pedestal
The data pedestal is a constant offset that is added to pixel values at the end of datapath.
The default offset is 168 and is a 12-bit offset. This offset matches the maximum range
used by the corrections in the digital readout path.
The data pedestal value can be changed if the lock register bit (R0x301A[3]) is set to “0”.
This bit is set to “1” by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com