Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 9Page - ON Semiconductor AR0330 Datasheet HTML 10Page - ON Semiconductor AR0330 Datasheet HTML 11Page - ON Semiconductor AR0330 Datasheet HTML 12Page - ON Semiconductor AR0330 Datasheet HTML 13Page - ON Semiconductor AR0330 Datasheet HTML 14Page - ON Semiconductor AR0330 Datasheet HTML 15Page - ON Semiconductor AR0330 Datasheet HTML 16Page - ON Semiconductor AR0330 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
13
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Pin Descriptions
Note:
NC = No Connection.
VDD_HiSPi
Power
1.8V power port to HiSPi digital logic
VDD_HiSPi_TX
Power
0.4V-0.8V or 1.7V - 1.9V Refer to “HiSPi Power Supply Connections” on page 11.
VAAHV_NPIX
Power
Power supply pin used to program the sensor OTPM (one-time programmable memory). This pin
should be open if OTPM is not used.
Table 6:
CSP (HiSPi/MIPI) Package Pinout
1
2
3
4
5
6
7
8
A
VAA
VAAHV_NPIX
AGND
AGND
VAA
VDD
TEST
DGND
B
DGND
NC
VAA_PIX
DGND
VDD_IO
TRIGGER
RESET_BAR
EXTCLK
C
VDD
SHUTTER
DGND
SLVSC_P
SLVS3_P
SLVS3_N
SLVS2_N
SLVS2_P
D
SADDR
SCLK
SDATA
FLASH
SLVSC_N
SLVS1_P
VDD_HiSPi_TX
VDD_HiSPi
E
VDD_IO
VDD_IO
CLK_N
CLK_P
DGND
SLVS1_N
SLVS0_N
SLVS0_P
F
DGND
VDD_IO
DGND
DGND
DATA4_P
DATA1_N
DATA_1P
VDD_PLL
G
VDD_IO
VDD
DGND
VDD_IO
DATA4_N
DATA3_N
DATA2_N
VDD
H
DGND
VDD_IO
VDD_IO
DGND
VDD_PLL
DATA3_P
DATA2_P
VDD_PLL
Table 5:
Pin Descriptions (continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com