Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 15 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 11Page - ON Semiconductor AR0330 Datasheet HTML 12Page - ON Semiconductor AR0330 Datasheet HTML 13Page - ON Semiconductor AR0330 Datasheet HTML 14Page - ON Semiconductor AR0330 Datasheet HTML 15Page - ON Semiconductor AR0330 Datasheet HTML 16Page - ON Semiconductor AR0330 Datasheet HTML 17Page - ON Semiconductor AR0330 Datasheet HTML 18Page - ON Semiconductor AR0330 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
15
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Sensor Initialization
Sensor Initialization
Power-Up Sequence
The recommended power-up sequence for the AR0330CS is shown in Figure 6. The
available power supplies (VDD_IO, VDD_PLL, VDD_MIPI, VAA, VAA_PIX) must have the
separation specified below.
1. Turn on VDD_PLL and VDD_MIPI power supplies
2. After 100s, turn on VAA and VAA_PIX power supply.
3. After 10s, turn on VDD power supply.
4. After 10s, turn on VDD_IO power supply.
5. After the last power supply is stable, enable EXTCLK.
6. Assert RESET_BAR for at least 1ms.
7. Wait 150,000 EXTCLK periods (for internal initialization into software standby.
8. Write R0x3152 = 0xA114 to configure the internal register initialization process.
9. Write R0x304A = 0x0070 to start the internal register initialization process.
10. Wait 150,000 EXTCLK periods
11. Configure PLL, output, and image settings to desired values.
12. Wait 1ms for the PLL to lock.
13. Set streaming mode (R0x301A[2] = 1).
Figure 6:
Power Up
Notes:
1. A software reset (R0x301A[0] = 1) is not necessary after the procedure described above since a Hard
Reset will automatically triggers a software reset. Independently executing a software reset, should
be followed by steps seven through thirteen above
2. The sensor must be receiving the external input clock (EXTCLK) before the reset pin is toggled. The
sensor will begin an internal initialization sequence when the reset pin toggle from LOW to HIGH.
This initialization sequence will run using the external input clock. Power on default state is soft-
ware standby state, need to apply two-wire serial commands to start streaming. Above power up
sequence is a general power up sequence. For different interface configurations, MIPI, and Parallel,
some power rails are not needed. Those not needed power rails should be ignored in the general
power up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com