Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 62 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 62 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 58Page - ON Semiconductor AR0330 Datasheet HTML 59Page - ON Semiconductor AR0330 Datasheet HTML 60Page - ON Semiconductor AR0330 Datasheet HTML 61Page - ON Semiconductor AR0330 Datasheet HTML 62Page - ON Semiconductor AR0330 Datasheet HTML 63Page - ON Semiconductor AR0330 Datasheet HTML 64Page - ON Semiconductor AR0330 Datasheet HTML 65Page - ON Semiconductor AR0330 Datasheet HTML 66Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
62
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Two-Wire Serial Register Interface
Single READ From Random Location
This sequence (Figure 42) starts with a dummy WRITE to the 16-bit address that is to be
used for the READ. The master terminates the WRITE by generating a restart condition.
The master then sends the 8-bit read slave address/data direction byte and clocks out
one byte of register data. The master terminates the READ by generating a no-acknowl-
edge bit followed by a stop condition. Figure 42 shows how the internal register address
maintained by the AR0330 is loaded and incremented as the sequence proceeds.
Figure 42:
Single READ From Random Location
Single READ From Current Location
This sequence (Figure 43) performs a read using the current value of the AR0330 internal
register address. The master terminates the READ by generating a no-acknowledge bit
followed by a stop condition. The figure shows two independent READ sequences.
Figure 43:
Single READ From Current Location
S = start condition
P = stop condition
Sr = restart condition
A = acknowledge
A = no-acknowledge
slave to master
master to slave
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
Slave Address
A
A
1
Sr
Read Data
P
Previous Reg Address, N
Reg Address, M
M+1
A
Slave Address
1
S
A
Read Data
Slave Address
A
1
S
P
Read Data
P
Previous Reg Address, N
Reg Address, N+1
N+2
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com