Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 43 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 39Page - ON Semiconductor AR0330 Datasheet HTML 40Page - ON Semiconductor AR0330 Datasheet HTML 41Page - ON Semiconductor AR0330 Datasheet HTML 42Page - ON Semiconductor AR0330 Datasheet HTML 43Page - ON Semiconductor AR0330 Datasheet HTML 44Page - ON Semiconductor AR0330 Datasheet HTML 45Page - ON Semiconductor AR0330 Datasheet HTML 46Page - ON Semiconductor AR0330 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
43
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Pixel Sensitivity
Figure 29:
The Row Integration Time is Greater Than the Frame Readout Time
The minimum frame-time is defined by the number of row periods per frame and the
row period. The sensor frame-time will increase if the coarse_integration_time is set to a
value equal to or greater than the frame_length_lines. The maximum integration time
can be limited to the frame time by setting R0x30CE[5] to 1.
Image
Vertical Blanking
Vertical Blanking
TFRAME = Frame_length_lines * TROW
16.6ms = 1308 rows *12.7us/row
Shutter
Pointer
Read
Pointer
TCOARSE = coarse_integration_time* TROW
20.7ms = 1634 rows *12.7us/row
Time
Extended Vertical Blanking
Image
4.1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com