Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 5Page - ON Semiconductor AR0330 Datasheet HTML 6Page - ON Semiconductor AR0330 Datasheet HTML 7Page - ON Semiconductor AR0330 Datasheet HTML 8Page - ON Semiconductor AR0330 Datasheet HTML 9Page - ON Semiconductor AR0330 Datasheet HTML 10Page - ON Semiconductor AR0330 Datasheet HTML 11Page - ON Semiconductor AR0330 Datasheet HTML 12Page - ON Semiconductor AR0330 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
9
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Working Modes
Figure 3:
Typical Configuration: Serial MIPI
Notes:
1. All power supplies must be adequately decoupled. ON Semiconductor recommends having 1.0F
and 0.1F decoupling capacitors for every power supply. If space is a concern, then priority must be
given in the following order: VAA, VAA_PIX, VDD_PLL, VDD_MIPI, VDD_IO, and VDD. Actual values and
results may vary depending on layout and design considerations.
2. To allow for space constraints, ON Semiconductor recommends having 0.1F decoupling capacitor
inside the module as close to the pads as possible. In addition, place a 10F capacitor for each sup-
ply off-module but close to each supply.
3. ON Semiconductor recommends a resistor value of 1.5k, but a greater value may be used for
slower two-wire speed.
4. The pull-up resistor is not required if the controller drives a valid logic level on SCLK at all times.
5. ON Semiconductor recommends that analog power planes are placed in a manner such that cou-
pling with the digital power planes is minimized.
6. TEST pin must be tied to DGND for the MIPI configuration.
7. ON Semiconductor recommends that GND_MIPI be tied to DGND.
8. VDD_MIPI is tied to VDD_PLL in both the CLCC and the CSP package. ON Semiconductor strongly rec-
ommends that VDD_MIPI must be connected to a VDD_PLL in a module design since VDD_PLL and
VDD_MIPI are tied together in the die.
9. The package pins or die pads used for the HiSPi data and clock as well as the parallel interface must
be left floating.
10. HiSPi Power Supplies (VDD_HiSPi and VDD_HiSPi_TX) can be tied to ground.
11. If the SHUTTER or FLASH pins or pads are not used, then they must be left floating.
12. If the TRIGGER or OE_BAR pins or pads are not used, then they should be tied to DGND.
VDD_IO
VDD_PLL
VDD
VAA
VDD
VAA
VAA_PIX
Master clock
(6–27 MHz)
SCLK
SDATA
RESET_BAR
TEST
EXTCLK
DGND
AGND
Digital
ground
Analog
ground
Digital
Core
power1
Analog
power1
To
controller
(MIPI - serial interface)
From
controller
VDD_IO
PLL
power1
Digital
I/O
power1
Analog
power1
VAA_PIX
CLK_N
CLK_P
DATA1_P
DATA1_N
DATA2_P
DATA2_N
DATA3_P
DATA3_N
DATA4_P
DATA4_N
FLASH
SHUTTER
OE_BAR
0.1
μF
1.0
μF
0.1
μF
1.0
μF
1.0
μF 0.1μF
0.1
μF
1.0
μF
0.1
μF
1.0
μF
SADDR
TRIGGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com