Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 58 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 58 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 54Page - ON Semiconductor AR0330 Datasheet HTML 55Page - ON Semiconductor AR0330 Datasheet HTML 56Page - ON Semiconductor AR0330 Datasheet HTML 57Page - ON Semiconductor AR0330 Datasheet HTML 58Page - ON Semiconductor AR0330 Datasheet HTML 59Page - ON Semiconductor AR0330 Datasheet HTML 60Page - ON Semiconductor AR0330 Datasheet HTML 61Page - ON Semiconductor AR0330 Datasheet HTML 62Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
58
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Changing Sensor Modes
Note:
ON Semiconductor recommends leaving fine_integration_time at 0.
Figure 41:
Example of Changing the Sensor from Context A to Context B
Table 39:
List of Configurable Registers for Context A and Context B
Context A
Context B
Register Description
Address
Register Description
Address
Coarse_integration_time
0x3012
Coarse_integration_time_CB
0x3016
Fine_integration_time
0x3014
Fine_integration_time_CB
0x3018
Line_length_pck
0x300C
Line_length_pck_CB
0x303E
Frame_length_lines
0x300A
Frame_length_lines_CB
0x30AA
COL_SF_BIN_EN
0x3040[9]
COL_SF_BIN_EN_CB
0x3040[8]
ROW_BIN
0x3040[12]
ROW_BIN_CB
0x3040[10]
COL_BIN
0x3040[13]
COL_BIN_CB
0x3040[11]
FINE_GAIN
0x3060[3:0]
FINE_GAIN_CB
0x3060[11:8]
COARSE_GAIN
0x3060[5:4]
COARSE_GAIN_CB
0x3060[13:12]
x_addr_start
0x3004
x_addr_start_CB
0x308A
y_addr_start
0x3002
y_addr_start_CB
0x308C
x_addr_end
0x3008
x_addr_end_CB
0x308E
y_addr_end
0x3006
y_addr_end_CB
0x3090
Y_odd_inc
0x30A6
Y_odd_inc_CB
0x30A8
X_odd_inc
0x30A2
X_odd_inc_CB
0x30AE
ADC_HIGH_SPEED
0x30BA[6]
ADC_HIGH_SPEED_CB
0x30BA[7]
GREEN1_GAIN
0x3056
GREEN1_GAIN_CB
0x30BC
BLUE_GAIN
0x3058
BLUE_GAIN_CB
0x30BE
RED_GAIN
0x305A
RED_GAIN_CB
0x30C0
GREEN2_GAIN
0x305C
GREEN2_GAIN_CB
0x30C2
GLOBAL_GAIN
0x305E
GLOBAL_GAIN_CB
0x30C4
Active Rows
Vertical Blanking
Time
1/60s
1/60s
Start of Vertical Blanking
Start of Frame
Start of Active Row
End of Frame
Serial SYNC Codes
End of Frame
Readout
End of Frame
Readout
End of Frame
Readout
1/54s
2304x1296
Frame N+1
2304x1296
Frame N
HB (192 Pixels/Column)
HB (192 Pixels/Column)
2048x1536
Frame N+2
HB (192 Pixels/Column)
Write context A to B
during readout of Frame N
Integration time of context
B mode implemented
during readout of frame
N+1
Context B mode is
implemented in frame N+2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com