Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 33 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 29Page - ON Semiconductor AR0330 Datasheet HTML 30Page - ON Semiconductor AR0330 Datasheet HTML 31Page - ON Semiconductor AR0330 Datasheet HTML 32Page - ON Semiconductor AR0330 Datasheet HTML 33Page - ON Semiconductor AR0330 Datasheet HTML 34Page - ON Semiconductor AR0330 Datasheet HTML 35Page - ON Semiconductor AR0330 Datasheet HTML 36Page - ON Semiconductor AR0330 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
33
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Sensor PLL
Dual Readout Paths
There are two readout paths within the sensor digital block.
Figure 18:
Sensor Dual Readout Paths
The sensor row timing calculations refers to each data-path individually. For example,
the sensor default configuration uses 1248 clocks per row (line_length_pck) to output
2304 active pixels per row. The aggregate clocks per row seen by the receiver will be 2496
clocks (1248 x 2 readout paths).
Parallel PLL Configuration
Figure 19:
PLL for the Parallel Interface
The parallel interface has a maximum output data-rate of 98MPixel/s.
The maximum output of the parallel interface is 98 Mpixel/s (CLK_OP). This will limit
the readout clock (CLK_PIX) to 49 Mpixel/s. The sensor will not use the FSERIAL, FSERI-
AL_CLK, or CLK_OP when configured to use the parallel interface.
Pixel Array
All Digital
Blocks
S erial Output
CLK_PIX
CLK_PIX
Pixel Rate = 2 x CLK_PIX
= # data lanes x CLK_OP (HiSPi or MIPI)
= CLK_OP (Parallel)
(MIPI or HiSPi)
All Digital
Blocks
1/2
pre_pll_clk_div
2(1-64)
pll_multiplier
58(32-384)
vt_sys_clk_div
1(1, 2, 4, 6, 8,
10, 12, 14, 16)
vt_pix_clk_div
6(4-16)
EXTCLK
6-27 MHz
CLK_PIX
(Max 49 Mpixels/s)
CLK_OP
(Max 98 Mpixels/s)
Fvco



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com