Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 75 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 75 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 69Page - ON Semiconductor AR0330 Datasheet HTML 70Page - ON Semiconductor AR0330 Datasheet HTML 71Page - ON Semiconductor AR0330 Datasheet HTML 72Page - ON Semiconductor AR0330 Datasheet HTML 73Page - ON Semiconductor AR0330 Datasheet HTML 74Page - ON Semiconductor AR0330 Datasheet HTML 75Page - ON Semiconductor AR0330 Datasheet HTML 76Page - ON Semiconductor AR0330 Datasheet HTML 77Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
75
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Revision History
• Updated Table 10, “DC Electrical Definitions and Characteristics (HiSPi Mode),” on
page 18
• Updated Table 12, “Two-Wire Serial Interface Electrical Characteristics,” on page 20
• Updated Table 13, “Two-Wire Serial Interface Timing Specifications,” on page 20
• Updated Figure 8: “Two-Wire Serial Bus Timing Parameters,” on page 20
• Updated Table 16, “I/O Timing,” on page 22
• Updated Figure 17: “Relationship Between Readout Clock and Peak Pixel Rate,” on
page 32
• Updated Table 27, “PLL Parameters for the Serial Interface,” on page 35
• Updated Table 28, “Example PLL Configurations for the Serial Interface,” on page 35
• Added sentence to first paragraph under Figure 34: “Vertical Row Binning in the
AR0330 Sensor,” on page 49
• Updated Figure 39: “Example of the Slave Mode with a Flat-field Illumination,” on
page 57
Rev. J. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7/5/11
• Updated Table 10, “DC Electrical Definitions and Characteristics (HiSPi Mode),” on
page 18
Rev. H . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6/7/11
• Updated Figure 50: “CSP HiSPi Package,” on page 70
• Added Table 46, “CSP (MIPI/HiSPi) Package Dimensions,” on page 71
Rev.G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5/26/11
• Updated Table 1, “Available Part Numbers,” on page 1
• Updated Table 1, “Key Parameters,” on page 1
• Updated Notes 8 and 10 in Figure 2: “Typical Configuration: Serial Four-Lane HiSPi
Interface,” on page 8
• Updated Notes 8 and 10 in Figure 3: “Typical Configuration: Serial MIPI,” on page 9
• Updated Notes 7 and 9 in Figure 4: “Typical Configuration: Parallel Pixel Data Inter-
face,” on page 10
Rev. F, Advance. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1/5/11
• Updated Figure 2: “Typical Configuration: Serial Four-Lane HiSPi Interface,” on
page 8
• Updated Table 6, “CSP (HiSPi/MIPI) Package Pinout,” on page 13
• Updated Figure 5: “CLCC Package Pin Descriptions,” on page 14
Rev. E, Advance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12/17/10
• Changed part number from AC0330 to AR0330
• Applied updated Aptina template
• Updated “Power-Up Sequence” on page 15
• Updated Figure 6: “Power Up,” on page 15
• Updated Table 27, “PLL Parameters for the Serial Interface,” on page 35
• Updated column 1 heading in Table 29, “Output Enable Control,” on page 36
• Updated Table 28, “Recommended Sensor Gain Tables,” on page 44
• Updated Figure 30: “Gain Stages in AR0330 Sensor,” on page 44
• Updated Figure 50: “CSP HiSPi Package,” on page 70
Rev. D, Advance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11/1/10
• Changed part number from MT9T002 to AC0330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com