Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 31 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 27Page - ON Semiconductor AR0330 Datasheet HTML 28Page - ON Semiconductor AR0330 Datasheet HTML 29Page - ON Semiconductor AR0330 Datasheet HTML 30Page - ON Semiconductor AR0330 Datasheet HTML 31Page - ON Semiconductor AR0330 Datasheet HTML 32Page - ON Semiconductor AR0330 Datasheet HTML 33Page - ON Semiconductor AR0330 Datasheet HTML 34Page - ON Semiconductor AR0330 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
31
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
HiSPi Transmitter
Cycle-to-cycle jitter (tCYCJIT) is defined as the difference in time between consecutive
clock high and clock low periods tHCLK and tLCLK, quoting the RMS value of the variation
(tHCLK - tLCLK).
If pk-pk jitter is also measured, this should be limited to ±3-sigma.
Notes:
1. One UI is defined as the normalized mean time between one edge and the following edge of the
clock.
2. Taken from the 0 V crossing point with the DLL off.
3. Also defined with a maximum loading capacitance of 10pF on any pin. The loading capacitance
may also need to be less for higher bitrates so the rise and fall times do not exceed the maximum
0.3 UI.
4. The absolute mean skew between the clock lane and any data lane in the same PHY between any
edges.
5. The absolute mean skew between any clock in one PHY and any data lane in any other PHY
between any edges.
6. Differential skew is defined as the skew between complementary outputs. It is measured as the
absolute time between the two complementary edges at mean VCM point. Note that differential
skew also is related to the VCM_AC spec which also must not be exceeded.
Table 24:
HiVCM Electrical AC Specification
Parameter
Symbol
Min
Max
Unit
Notes
Data Rate
1/UI
280
700
Mbps
1
Bitrate Period
tPW
1.43
3.57
ns
1
Max setup time from transmitter
tPRE
0.3
UI
1, 2
Max hold time from transmitter
tPOST
0.3
UI
1, 2
Eye Width
tEYE
0.6
UI
1, 2
Data Total Jitter (pk-pk) @1e-9
tTOTALJIT
0.2
UI
1, 2
Clock Period Jitter (RMS)
tCKJIT
50
ps
2
Clock Cycle-to-Cycle Jitter (RMS)
tCYCJIT
100
ps
2
Rise time (20% - 80%)
tR
150ps
0.3
UI
3
Fall time (20% - 80%)
tF
150ps
0.3
UI
3
Clock duty cycle
DCYC
45
55
%
2
Clock to Data Skew
tCHSKEW
-0.1
0.1
UI
1, 4
PHY-to-PHY Skew
tPHYSKEW
2.1
UI
1, 5
Mean differential skew
tDIFFSKEW
-100
100
ps
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com