Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 35 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 31Page - ON Semiconductor AR0330 Datasheet HTML 32Page - ON Semiconductor AR0330 Datasheet HTML 33Page - ON Semiconductor AR0330 Datasheet HTML 34Page - ON Semiconductor AR0330 Datasheet HTML 35Page - ON Semiconductor AR0330 Datasheet HTML 36Page - ON Semiconductor AR0330 Datasheet HTML 37Page - ON Semiconductor AR0330 Datasheet HTML 38Page - ON Semiconductor AR0330 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
35
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Sensor PLL
The serial output should be configured so that it adheres to the following rules:
• The maximum data-rate per lane (FSERIAL) is 768Mbps/lane (MIPI) and 700Mbps/
lane (HiSPi).
• The output pixel rate per lane (CLK_OP) should be configured so that the sensor
output pixel rate matches the peak pixel rate (2 x CLK_PIX).
– 4-lane: 4 x CLK_OP = 2 x CLK_PIX = Pixel Rate (max: 196 Mpixel/s)
– 2-lane: 2 x CLK_OP = 2 x CLK_PIX = Pixel Rate (max: 98 Mpixel/s)
– 1-lane: 1 x CLK_OP = 2 x CLK_PIX = Pixel Rate (max: 76 Mpixel/s)
Table 27:
PLL Parameters for the Serial Interface
Parameter
Symbol
Min
Max
Unit
External Clock
EXTCLK
6
27
MHz
VCO Clock
FVCO
384
768
MHz
Readout Clock
CLK_PIX
98
Mpixel/s
Output Clock
CLK_OP
98
Mpixel/s
Output Serial Data Rate Per Lane
FSERIAL
300 (HiSPi)
384 (MIPI)
700 (HiSPi)
768 (MIPI)
Mbps
Output Serial Clock Speed Per Lane
FSERIAL_CLK
150 (HiSPi)
192 (MIPI)
350(HiSPi)
384 (MIPI)
MHz
Table 28:
Example PLL Configurations for the Serial Interface
Parameter
4-lane
2-lane
1-lane
Notes
12-bit
10-bit
12-bit
10-bit
12-bit
10-bit
8-bit
FVCO
588
490
588
490
768
768
768
MHz
vt_sys_clk_div
11
22444
vt_pix_clk_div
65
65654
op_sys_clk_div
11
11111
op_pix_clk_div
12
10
12
10
12
10
8
FSERIAL
588
490
588
490
768
768
768
MHz
FSERIAL_CLK
294
245
294
245
384
384
384
MHz
CLK_PIX
9898494932
38.4
48
Mpixel/s
CLK_OP
49
49
49
49
64
76.8
96
Mpixel/s
Pixel Rate
196
196
98
98
64
76.8
96
Mpixel/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com