Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 42 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 38Page - ON Semiconductor AR0330 Datasheet HTML 39Page - ON Semiconductor AR0330 Datasheet HTML 40Page - ON Semiconductor AR0330 Datasheet HTML 41Page - ON Semiconductor AR0330 Datasheet HTML 42Page - ON Semiconductor AR0330 Datasheet HTML 43Page - ON Semiconductor AR0330 Datasheet HTML 44Page - ON Semiconductor AR0330 Datasheet HTML 45Page - ON Semiconductor AR0330 Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
42
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Pixel Sensitivity
Figure 27:
Example of 8.33ms Integration in 16.6ms Frame
The fine integration is then defined by the number of pixel clock periods between the
row reset and row read operation within TROW. This period is defined by the fine_integra-
tion_time register.
Figure 28:
Row Read and Row Reset Showing Fine Integration
TFINE = fine_integration_time/clk_pix
(EQ 15)
The maximum allowed value for fine_integration_time is line_length_pck - 1204.
ON Semiconductor recommends that the fine_integration_time in the AR0330 be left at
zero.
Vertical Blanking
Read
Reset
Vertical Blanking
T
FRAME = frame_length_lines x TROW
16.6 ms = 1308 rows x 12.7
μs/row
T
COARSE = coarse_integration_time x TROW
8.33 ms = 654 rows x 12.7
μs/row
Time
Read Row N
Reset Row K
T FINE = fine_integration _time x (1/CLK_PIX)
Start of Read Row N
and Reset Row K
Start of Read Row N + 1
and Reset Row K + 1
T
ROW = lin e_length _pck x (1/CLK_PIX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com