Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 61 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 61 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 57Page - ON Semiconductor AR0330 Datasheet HTML 58Page - ON Semiconductor AR0330 Datasheet HTML 59Page - ON Semiconductor AR0330 Datasheet HTML 60Page - ON Semiconductor AR0330 Datasheet HTML 61Page - ON Semiconductor AR0330 Datasheet HTML 62Page - ON Semiconductor AR0330 Datasheet HTML 63Page - ON Semiconductor AR0330 Datasheet HTML 64Page - ON Semiconductor AR0330 Datasheet HTML 65Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
61
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Two-Wire Serial Register Interface
Slave Address/Data Direction Byte
Bits [7:1] of this byte represent the device slave address and bit [0] indicates the data
transfer direction. A “0” in bit [0] indicates a WRITE, and a “1” indicates a READ. The
default slave addresses used by the AR0330 sensor are 0x20 (write address) and 0x21
(read address). Alternate slave addresses of 0x30 (WRITE address) and 0x31 (READ
address) can be selected by asserting the SADDR signal (tie HIGH).
Alternate slave addresses can also be programmed through R0x31FC.
Message Byte
Message bytes are used for sending register addresses and register write data to the slave
device and for retrieving register read data.
Acknowledge Bit
Each 8-bit data transfer is followed by an acknowledge bit or a no-acknowledge bit in the
SCLK clock period following the data transfer. The transmitter (which is the master when
writing, or the slave when reading) releases SDATA. The receiver indicates an acknowl-
edge bit by driving SDATA LOW. As for data transfers, SDATA can change when SCLK is
LOW and must be stable while SCLK is HIGH.
No-Acknowledge Bit
The no-acknowledge bit is generated when the receiver does not drive SDATA LOW
during the SCLK clock period following a data transfer. A no-acknowledge bit is used to
terminate a read sequence.
Typical Sequence
A typical READ or WRITE sequence begins by the master generating a start condition on
the bus. After the start condition, the master sends the 8-bit slave address/data direction
byte. The last bit indicates whether the request is for a read or a write, where a “0” indi-
cates a write and a “1” indicates a read. If the address matches the address of the slave
device, the slave device acknowledges receipt of the address by generating an acknowl-
edge bit on the bus.
If the request was a WRITE, the master then transfers the 16-bit register address to which
the WRITE should take place. This transfer takes place as two 8-bit sequences and the
slave sends an acknowledge bit after each sequence to indicate that the byte has been
received. The master then transfers the data as an 8-bit sequence; the slave sends an
acknowledge bit at the end of the sequence. The master stops writing by generating a
(re)start or stop condition.
If the request was a READ, the master sends the 8-bit write slave address/data direction
byte and 16-bit register address, the same way as with a WRITE request. The master then
generates a (re)start condition and the 8-bit read slave address/data direction byte, and
clocks out the register data, eight bits at a time. The master generates an acknowledge
bit after each 8-bit transfer. The slave’s internal register address is automatically incre-
mented after every 8 bits are transferred. The data transfer is stopped when the master
sends a no-acknowledge bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com