Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 57 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 57 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 53Page - ON Semiconductor AR0330 Datasheet HTML 54Page - ON Semiconductor AR0330 Datasheet HTML 55Page - ON Semiconductor AR0330 Datasheet HTML 56Page - ON Semiconductor AR0330 Datasheet HTML 57Page - ON Semiconductor AR0330 Datasheet HTML 58Page - ON Semiconductor AR0330 Datasheet HTML 59Page - ON Semiconductor AR0330 Datasheet HTML 60Page - ON Semiconductor AR0330 Datasheet HTML 61Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
57
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Changing Sensor Modes
Figure 40 illustrates how the sensor active readout time can be minimized while
reducing the frame rate. 1308 VB rows were added to the output frame to reduce the
2304 x1296 frame rate from 60 fps to 30 fps without increasing the delay between the
readout of the first and last active row.
Figure 40:
Example of the Sensor Output of a 2304 x1296 Frame at 30 fps
The frame valid and line valid signals mentioned in this diagram represent internal signals within the sensor.
The SYNC codes represented in this diagram represent the HiSPi Streaming SP protocol.
Changing Sensor Modes
Register Changes
All register writes are delayed by 1x frame. A register that is written to during the readout
of frame n will not be updated to the new value until the readout of frame n+2. This
includes writes to the sensor gain and integration registers.
Real-Time Context Switching
In the AR0330, the user may switch between two full register sets A and B by writing to a
context switch change bit in R0x30B0[13]. When the context switch is configured to
context A the sensor will reference the “Context A Registers”. If the context switch is
changed from A to B during the readout of frame n, the sensor will then reference the
context B coarse_integration_time registers in frame n+1 and all other context B registers
at the beginning of reading frame n+2. The sensor will show the same behavior when
changing from context B to context A.
Serial SYNC Codes
VB
(1320 Rows)
HB (192 Pixels )
HB (192 Pixels )
Frame Valid
Line Valid
1/30s
1/30s
Active Rows
Vertical Blanking
Time
End of Frame
Readout
Start of Vertical Blanking
Start of Frame
Start of Active Row
End of Line
End of Frame
Row Reset
Row Read
Row Reset
Row Read
2304 x 1296
2304 x 1296
Row Reset
Row Read
Row Reset
Row Read
End of Frame
Readout
VB
(1320 Rows)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com