Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 12 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 8Page - ON Semiconductor AR0330 Datasheet HTML 9Page - ON Semiconductor AR0330 Datasheet HTML 10Page - ON Semiconductor AR0330 Datasheet HTML 11Page - ON Semiconductor AR0330 Datasheet HTML 12Page - ON Semiconductor AR0330 Datasheet HTML 13Page - ON Semiconductor AR0330 Datasheet HTML 14Page - ON Semiconductor AR0330 Datasheet HTML 15Page - ON Semiconductor AR0330 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
12
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Pin Descriptions
Pin Descriptions
Table 5:
Pin Descriptions
Name
Type
Description
RESET_BAR
Input
Asynchronous reset (active LOW). All settings are restored to factory default.
EXTCLK
Input
Master input clock, range 6 -27 MHz
OE_BAR
Input
Output enable (active LOW). Only available on bare die version.
TRIGGER
Input
Receives slave mode VD signal for frame rate synchronization and trigger to start a GRR frame.
SADDR
Input
Two-wire serial address select.
SCLK
Input
Two-wire serial clock input.
SDATA
I/O
Two-wire serial data I/O.
PIXCLK
Output
Pixel clock out. DOUT is valid on rising edge of this clock.
DOUT[11:0]
Output
Parallel pixel data output.
FLASH
Output
Flash output. Synchronization pulse for external light source. Can be left floating if not used.
FRAME_VALID
Output
Asserted when DOUT data is valid.
LINE_VALID
Output
Asserted when DOUT data is valid.
VDD
Power
Digital power.
VDD_IO
Power
IO supply power.
VDD_PLL
Power
PLL power supply. The MIPI power supply (VDD_MIPI) is tied to VDD_PLL in both packages.
DGND
Power
Digital GND.
VAA
Power
Analog power.
VAA_PIX
Power
Pixel power.
AGND
Power
Analog GND.
TEST
Input
Enable manufacturing test modes. Tie to DGND for normal sensor operation.
SHUTTER
Output
Control for external mechanical shutter. Can be left floating if not used.
SLVS0_P
Output
HiSPi serial data, lane 0, differential P.
SLVS0_N
Output
HiSPi serial data, lane 0, differential N.
SLVS1_P
Output
HiSPi serial data, lane 1, differential P.
SLVS1_N
Output
HiSPi serial data, lane 1, differential N.
SLVS2_P
Output
HiSPi serial data, lane 2, differential P.
SLVS2_N
Output
HiSPi serial data, lane 2, differential N.
SLVS3_P
Output
HiSPi serial data, lane 3, differential P.
SLVS3_N
Output
HiSPi serial data, lane 3, differential N.
SLVSC_P
Output
HiSPi serial DDR clock differential P.
SLVSC_N
Output
HiSPi serial DDR clock differential N.
DATA1_P
Output
MIPI serial data, lane 1, differential P
DATA1_N
Output
MIPI serial data, lane 1, differential N
DATA2_P
Output
MIPI serial data, lane 2, differential P
DATA2_N
Output
MIPI serial data, lane 2, differential N
DATA3_P
Output
MIPI serial data, lane 3, differential P
DATA3_N
Output
MIPI serial data, lane 3, differential N
DATA4_P
Output
MIPI serial data, lane 4, differential P
DATA4_N
Output
MIPI serial data, lane 4, differential N
CLK_P
Output
Output MIPI serial clock, differential P
CLK_N
Output
Output MIPI serial clock, differential N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com