Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 28 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 24Page - ON Semiconductor AR0330 Datasheet HTML 25Page - ON Semiconductor AR0330 Datasheet HTML 26Page - ON Semiconductor AR0330 Datasheet HTML 27Page - ON Semiconductor AR0330 Datasheet HTML 28Page - ON Semiconductor AR0330 Datasheet HTML 29Page - ON Semiconductor AR0330 Datasheet HTML 30Page - ON Semiconductor AR0330 Datasheet HTML 31Page - ON Semiconductor AR0330 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
28
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
HiSPi Transmitter
(EQ 5)
V
CM = |VCM (1)-VCM (0) |
(EQ 6)
Both VOD and VCM are measured for all output channels. The worst case VOD is defined
as the largest difference in VOD between all channels regardless of logic level. And the
worst case VCM is similarly defined as the largest difference in VCM between all chan-
nels regardless of logic level.
Timing Definitions
1. Timing measurements are to be taken using the Square Wave test mode.
2. Rise and fall times are measured between 20% to 80% positions on the differential
waveform, as shown in Figure 10: “Single-Ended and Differential Signals,” on page 27.
3. Mean Clock-to-Data skew should be measured from the 0V crossing point on Clock to
the 0V crossing point on any Data channel regardless of edge, as shown in Figure 12
on page 28. This time is compared with the ideal Data transition point of 0.5UI with
the difference being the Clock-to-Data Skew (see Equation 7 on page 28).
Figure 12:
Clock-to-Data Skew Timing Diagram
(EQ 7)
(EQ 8)
4. The differential skew is measured on the two single-ended signals for any channel.
The time is taken from a transition on Voa signal to corresponding transition on Vob
signal at VCM crossing point.
V
CM
V
CM 1
 V
CM 0

+
2
--------------------------------------------
=
t
CHSKEW ps

t
t
pw
2
-------
=
t
CHSKEW UI

t
t
pw
-------
0.5
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com