Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 49 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 45Page - ON Semiconductor AR0330 Datasheet HTML 46Page - ON Semiconductor AR0330 Datasheet HTML 47Page - ON Semiconductor AR0330 Datasheet HTML 48Page - ON Semiconductor AR0330 Datasheet HTML 49Page - ON Semiconductor AR0330 Datasheet HTML 50Page - ON Semiconductor AR0330 Datasheet HTML 51Page - ON Semiconductor AR0330 Datasheet HTML 52Page - ON Semiconductor AR0330 Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
AR0330: 1/3-Inch CMOS Digital Image Sensor
Subsampling
AR0330_DS Rev. U Pub. 4/15 EN
49
©Semiconductor Components Industries, LLC,2015.
Subsampling
The AR0330 supports subsampling. Subsampling allows the sensor to read out a smaller
set of active pixels by either skipping or binning pixels within the readout window. The
working modes described in the data sheet that use subsampling are configured to use
either 2x2 or 3x3 subsampling.
Figure 33:  Horizontal Binning in the AR0330 Sensor
Horizontal binning is achieved either in the pixel readout or the digital readout. The
sensor will sample the combined 2x or 3x adjacent pixels within the same color plane.
Figure 34:  Vertical Row Binning in the AR0330 Sensor
Vertical row binning is applied in the pixel readout. Row binning can be configured of 2x
or 3x rows within the same color plane. ON Semiconductor recommends not to use 3x
binning in AR0330 as it may introduce some image artifacts.
Pixel skipping can be configured up to 2x and 3x in both the x-direction and y-direction.
Skipping pixels in the x-direction will not reduce the row time. Skipping pixels in the y-
direction will reduce the number of rows from the sensor effectively reducing the frame
time. Skipping will introduce image artifacts from aliasing.
The sensor increments its x and y address based on the x_odd_inc and y_odd_inc value.
The value indicates the addresses that are skipped after each pair of pixels or rows has
been read.
The sensor will increment x and y addresses in multiples of 2. This indicates that a
GreenR and Red pixel pair will be read together. As well, that the sensor will read a Gr-R
row first followed by a B-Gb row.
(EQ 16)
lsb
lsb
lsb
lsb
-
lsb
lsb
e-
e-
e-
e-
x subsampling factor
1
x_odd_inc
+
2
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com