Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 25 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 21Page - ON Semiconductor AR0330 Datasheet HTML 22Page - ON Semiconductor AR0330 Datasheet HTML 23Page - ON Semiconductor AR0330 Datasheet HTML 24Page - ON Semiconductor AR0330 Datasheet HTML 25Page - ON Semiconductor AR0330 Datasheet HTML 26Page - ON Semiconductor AR0330 Datasheet HTML 27Page - ON Semiconductor AR0330 Datasheet HTML 28Page - ON Semiconductor AR0330 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
25
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
HiSPi Transmitter
Table 22:
HiVCM Electrical Voltage and Impedance Specification
Tj = 25° C
Parameter
Symbol
Min
Typ
Max
Unit
HiVCM DC mean common mode voltage
VCM
0.76
0.90
1.07
V
HiVCM DC mean differential output voltage
|VOD|
200
280
350
mV
Change in VCM between logic 1 and 0
V
CM
25
mV
Change in |VOD| between logic 1 and 0
| VOD|25
mV
VOD noise margin
NM
±
30
%
Difference in VCM between any two channels
|VCM|50
mV
Difference in VOD between any two channels
|VOD|100
mV
Common-mode AC Voltage (pk) without VCM
cap termination
V
CM_AC
50
mV
Common-mode AC Voltage (pk) with VCM cap
termination
V
CM_AC
30
mV
Maximum overshoot peak |VOD|
VOD_AC
1.3*|VOD|V
Maximum overshoot Vdiff pk-pk
Vdiff_pkpk
2.6*VOD
V
Single-ended Output impedance
RO
40
70
100
Output Impedance Mismatch
R
O
20
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com