Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 76 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 76 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 69Page - ON Semiconductor AR0330 Datasheet HTML 70Page - ON Semiconductor AR0330 Datasheet HTML 71Page - ON Semiconductor AR0330 Datasheet HTML 72Page - ON Semiconductor AR0330 Datasheet HTML 73Page - ON Semiconductor AR0330 Datasheet HTML 74Page - ON Semiconductor AR0330 Datasheet HTML 75Page - ON Semiconductor AR0330 Datasheet HTML 76Page - ON Semiconductor AR0330 Datasheet HTML 77Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
76
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Revision History
• Updated “Features” on page 1
• Updated Table 1, “Available Part Numbers,” on page 1
• Updated Table 1, “Key Parameters,” on page 1
• Removed Figure 2: Gain Stages
• Updated first paragraph of “General Description” on page 6
• Moved Working Modes section to follow Functional Overview
• Updated Figure 2: “Typical Configuration: Serial Four-Lane HiSPi Interface,” on
page 8
• Updated Figure 3: “Typical Configuration: Serial MIPI,” on page 9
• Updated Figure 4: “Typical Configuration: Parallel Pixel Data Interface,” on page 10
• Updated Table 5, Pin Descriptions; moved it under new section “Pin Descriptions” on
page 12
• Added Table 6, “CSP (HiSPi/MIPI) Package Pinout,” on page 13
• Added Figure 5: “CLCC Package Pin Descriptions,” on page 14
• Added “Electrical Characteristics” on page 18
• Added “Sensor Initialization” on page 15
• Added “Sequencer” on page 32
• Added “Sensor PLL” on page 32
• Added “Pixel Output Interfaces” on page 36
• Added “Sensor Readout” on page 46
• Updated “Subsampling” on page 49
• Added “Sensor Frame Rate” on page 51
• Added “Sensor Frame Rate” on page 51
• Updated “Slave Mode” on page 53
•Added “Frame Readout” on page 56
• Added “Two-Wire Serial Register Interface” on page 60
• Added “Packages” on page 69
Rev. C, Advance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5/3/10
• Updated Table 5, “Pin Descriptions,” on page 12.
• Added Figure 2: “Typical Configuration: Serial Four-Lane HiSPi Interface,” on page 8.
• Updated Figure 1: “Block Diagram,” on page 6.
• Updated pins and notes for Figure 2: “Typical Configuration: Serial Four-Lane HiSPi
Interface,” on page 8, Figure 3: “Typical Configuration: Serial MIPI,” on page 9 and
Figure 4: “Typical Configuration: Parallel Pixel Data Interface,” on page 10.
• Changed input clock range to 6-64 MHz
• Removed high dynamic range from general description
• Removed STANDBY pad from Figure 2: “Typical Configuration: Serial Four-Lane
HiSPi Interface,” on page 8 and Figure 4: “Typical Configuration: Parallel Pixel Data
Interface,” on page 10
• Changed HiSPi to SLVS in Table 5, “Pin Descriptions,” on page 12
• Updated slave mode section
• Updated Figure 36: “Slave Mode Active State and Vertical Blanking,” on page 53
• Updated Table 1, “Available Part Numbers,” on page 1
Rev. B, Advance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4/08/10
• Updated key parameters and general description
•Updated Table 3
• Removed two-wire serial interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com