Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 66 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 66 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 62Page - ON Semiconductor AR0330 Datasheet HTML 63Page - ON Semiconductor AR0330 Datasheet HTML 64Page - ON Semiconductor AR0330 Datasheet HTML 65Page - ON Semiconductor AR0330 Datasheet HTML 66Page - ON Semiconductor AR0330 Datasheet HTML 67Page - ON Semiconductor AR0330 Datasheet HTML 68Page - ON Semiconductor AR0330 Datasheet HTML 69Page - ON Semiconductor AR0330 Datasheet HTML 70Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
66
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Spectral Characteristics
Note:
The CRA listed in the advanced data sheet described the 2048x1536 field of view (2.908mm image
height). This information was sufficient for configuring the sensor to read both the 4:3
(2048x1536) and 16:9 (2304x1296) aspect ratios. The CRA information listed in the data sheet has
now been updated to represent the entire pixel array (2304x1536).
Table 42:
Chief Ray Angle (CRA) 12 °
Image Height
CRA
%
mm
deg.
00
0
5
0.152
.80
10
0.305
1.66
15
0.457
2.54
20
0.609
3.42
25
0.761
4.28
30
0.914
5.11
35
1.066
5.94
40
1.218
6.75
45
1.371
7.57
50
1.523
8.37
55
1.675
9.16
60
1.828
9.90
65
1.980
10.58
70
2.132
11.15
75
2.284
11.57
80
2.437
11.80
85
2.589
11.78
90
2.741
11.48
95
2.894
10.88
100
3.046
9.96
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
0
1 02 03 04 05 06 07 08 09 0
1 0 0
1 1 0
Image Height (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com