Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 59 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 59 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 55Page - ON Semiconductor AR0330 Datasheet HTML 56Page - ON Semiconductor AR0330 Datasheet HTML 57Page - ON Semiconductor AR0330 Datasheet HTML 58Page - ON Semiconductor AR0330 Datasheet HTML 59Page - ON Semiconductor AR0330 Datasheet HTML 60Page - ON Semiconductor AR0330 Datasheet HTML 61Page - ON Semiconductor AR0330 Datasheet HTML 62Page - ON Semiconductor AR0330 Datasheet HTML 63Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
59
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Compression
Compression
The sensor can optionally compress 12-bit data to 10-bit using A-law compression. The
compression is applied after the data pedestal has been added to the data. See Figure 1:
“Block Diagram,” on page 6.
The A-law compression is disabled by default and can be enabled by setting R0x31D0
from “0” to “1”.
Test Patterns
The AR0330 has the capability of injecting a number of test patterns into the top of the
datapath to debug the digital logic. With one of the test patterns activated, any of the
datapath functions can be enabled to exercise it in a deterministic fashion. Test patterns
are selected by Test_Pattern_Mode register (R0x3070). Only one of the test patterns can
be enabled at a given point in time by setting the Test_Pattern_Mode register according
to Table 41. When test patterns are enabled the active area will receive the value speci-
fied by the selected test pattern and the dark pixels will receive the value in Test_Pat-
tern_Green (R0x3074 and R0x3078) for green pixels, Test_Pattern_Blue (R0x3076) for
blue pixels, and Test_Pattern_Red (R0x3072) for red pixels.
Solid Color
When the color field mode is selected, the value for each pixel is determined by its color.
Green pixels will receive the value in Test_Pattern_Green, red pixels will receive the value
in Test_Pattern_Red, and blue pixels will receive the value in Test_Pattern_Blue.
Vertical Color Bars
When the vertical color bars mode is selected, a typical color bar pattern will be sent
through the digital pipeline.
Table 40:
A-Law Compression Table for 12-10 bits
Input Range
Input Values
Compressed Codeword
11
10
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
0 to 127
0
0
0
0
0
a
b
c
d
e
f
g
0
0
0
a
b
c
d
e
f
g
128 to 255
0
0
0
0
1
a
b
c
d
e
f
g
0
0
1
a
b
c
d
e
f
g
256 to 511
0
0
0
1
a
b
c
d
e
f
g
X
0
1
0
a
b
c
d
e
f
g
512 to 1023
0
0
1
a
b
c
d
e
f
g
X
X
0
1
1
a
b
c
d
e
f
g
1024 to 2047
0
1
a
b
c
d
e
f
g
h
X
X
1
0
a
b
c
d
e
f
g
h
2048 to 4095
1
a
b
c
d
e
f
g
h
X
X
X
1
1
a
b
c
d
e
f
g
h
Table 41:
Test Pattern Modes
Test_Pattern_Mode
Test Pattern Output
0
No test pattern (normal operation)
1
Solid Color
2
100% Vertical Color Bars
3
Fade-to-Gray Vertical Color Bars
256
Walking 1s test pattern (12-bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com