Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 41 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 37Page - ON Semiconductor AR0330 Datasheet HTML 38Page - ON Semiconductor AR0330 Datasheet HTML 39Page - ON Semiconductor AR0330 Datasheet HTML 40Page - ON Semiconductor AR0330 Datasheet HTML 41Page - ON Semiconductor AR0330 Datasheet HTML 42Page - ON Semiconductor AR0330 Datasheet HTML 43Page - ON Semiconductor AR0330 Datasheet HTML 44Page - ON Semiconductor AR0330 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
41
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Pixel Sensitivity
Pixel Sensitivity
Figure 26:
Integration Control in ERS Readout
A pixel's integration time is defined by the number of clock periods between a row's
reset and read operation. Both the read followed by the reset operations occur within a
row period (TROW) where the read and reset may be applied to different rows. The read
and reset operations will be applied to the rows of the pixel array in a consecutive order.
The integration time in an ERS frame is defined as:
TINTEGRATION = TCOARSE - TFINE
(EQ 13)
The coarse integration time is defined by the number of row periods (TROW) between a
row's reset and the row read. The row period is the defined as the time between row read
operations (see Sensor Frame Rate).
TCOARSE = TROW * coarse_integration_time
(EQ 14)
Table 31:
Recommended MIPI Timing Configuration
Register
Configuration
Description
10bit, 490Mbps/lane
12-bit, 588Mbps/lane
Clocking: Continuous
0x31B0
40
36
Frame Preamble
0x31B2
14
12
Line Preamble
0x31B4
0x2743
0x2643
MIPI Timing 0
0x31B6
0x114E
0x114E
MIPI Timing 1
0x31B8
0x2049
0x2048
MIPI Timing 2
0x31BA
0x0186
0x0186
MIPI Timing 3
0x31BC
0x8005
0x8005
MIPI Timing 4
0x31BE
0x2003
0x2003
MIPI Config Status
Row Integration
(T
INTEGRATION)
Row Reset
(Start of Integration)
Row Readout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com