Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 24 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 20Page - ON Semiconductor AR0330 Datasheet HTML 21Page - ON Semiconductor AR0330 Datasheet HTML 22Page - ON Semiconductor AR0330 Datasheet HTML 23Page - ON Semiconductor AR0330 Datasheet HTML 24Page - ON Semiconductor AR0330 Datasheet HTML 25Page - ON Semiconductor AR0330 Datasheet HTML 26Page - ON Semiconductor AR0330 Datasheet HTML 27Page - ON Semiconductor AR0330 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
24
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
HiSPi Transmitter
Notes:
1. One UI is defined as the normalized mean time between one edge and the following edge of the
clock.
2. Taken from the 0V crossing point with the DLL off.
3. Also defined with a maximum loading capacitance of 10 pF on any pin. The loading capacitance
may also need to be less for higher bitrates so the rise and fall times do not exceed the maximum
0.3 UI.
4. The absolute mean skew between the Clock lane and any Data Lane in the same PHY between any
edges.
5. The absolute skew between any Clock in one PHY and any Data lane in any other PHY between any
edges.
Differential skew is defined as the skew between complementary outputs. It is measured as the abso-
lute time between the two complementary edges at mean VCM point. Note that differential skew also
is related to the VCM_AC spec which also must not be exceeded.
HiVCM Electrical Specifications
The HiSPi 2.0 specification also defines an alternative signaling level mode called
HiVCM. Both VOD and VCM are still scalable with VDD_HiSPi_TX, but with VDD_HiSPi_TX
nominal set to 1.8 V the common-mode is elevated to around 0.9 V.
Notes:
1. Where 'n' is the number of PHYs
2. Temperature of 25°C
3. Up to 700 Mbps
4. Specification values may be exceeded when outside this temperature range.
Table 20:
SLVS Electrical Timing Specification
Parameter
Symbol
Min
Max
Unit
Notes
Data Rate
1/UI
280
700
Mbps
1
Bitrate Period
tPW
1.43
3.57
ns
1
Max setup time from transmitter
tPRE
0.3
UI
1, 2
Max hold time from transmitter
tPOST
0.3
UI
1, 2
Eye Width
tEYE
0.6
UI
1, 2
Data Total Jitter (pk-pk) @1e-9
tTOTALJIT
0.2
UI
1, 2
Clock Period Jitter (RMS)
tCKJIT
50
ps
2
Clock Cycle-to-Cycle Jitter (RMS)
tCYCJIT
100
ps
2
Rise time (20% - 80%)
tR
150ps
0.25
UI
3
Fall time (20% - 80%)
tF
150ps
0.25
UI
3
Clock duty cycle
DCYC
45
55
%
2
Mean Clock to Data Skew
tCHSKEW
-0.1
0.1
UI
1, 4
PHY-to-PHY Skew
tPHYSKEW
2.1
UI
1, 5
Mean differential skew
tDIFFSKEW
-100
100
ps
6
Table 21:
HiVCM Power Supply and Operating Temperatures
Parameter
Symbol
Min
Typ
Max
Unit
Notes
HiVCM Current Consumption
IDD_HiSPi_TX
n*34
mA
1, 2
HiSPi PHY Current Consumption
IDD_HiSPi
n*45
mA
1, 2, 3
Operating temperature
TJ
-30
70
°C
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com