Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0330 Datasheet(PDF) 56 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 56 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 52Page - ON Semiconductor AR0330 Datasheet HTML 53Page - ON Semiconductor AR0330 Datasheet HTML 54Page - ON Semiconductor AR0330 Datasheet HTML 55Page - ON Semiconductor AR0330 Datasheet HTML 56Page - ON Semiconductor AR0330 Datasheet HTML 57Page - ON Semiconductor AR0330 Datasheet HTML 58Page - ON Semiconductor AR0330 Datasheet HTML 59Page - ON Semiconductor AR0330 Datasheet HTML 60Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
56
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Frame Readout
Frame Readout
The sensor readout begins with vertical blanking rows followed by the active rows. The
frame readout period can be defined by the number of row periods within a frame
(frame_length_lines) and the row period (line_length_pck). The sensor will read the first
vertical blanking row at the beginning of the frame period and the last active row at the
end of the row period.
Figure 39:
Example of the Sensor Output of a 2304 x 1296 Frame at 60 fps
The frame valid and line valid signals mentioned in this diagram represent internal signals within the sensor.
The SYNC codes represented in this diagram represent the HiSPi Streaming SP protocol.
Figure 39 aligns the frame integration and readout operation to the sensor output. It also
shows the sensor output using the HiSPi Streaming SP protocol. Different sensor proto-
cols will list different SYNC codes.
Table 38:
Serial SYNC Codes Included with Each Protocol Included with the AR0330 Sensor
Interface/Protocol
Start of Vertical
Blanking Row (SOV)
Start of Frame
(SOF)
Start of Active Line
(SOA)
End of Line
(EOL)
End of Frame
(EOF)
Parallel
Parallel interface uses FRAME VALID(FV) and LINE VALID (LV) outputs to denote start and end of line and
frame.
HiSPi Streaming S
Yes
Send SOV
Yes
No SYNC Code
No SYNC Code
HiSPi Streaming SP
Yes
Yes
Yes
Yes
Yes
HiSPi Packetized SP
No SYNC Code
Yes
Yes
Yes
Yes
MIPI
No SYNC Code
Yes
Yes
Yes
Yes
Active Rows
Vertical Blanking
Time
1/60s
End of Frame
Readout
End of Frame
Readout
Start of Vertical Blanking
Start of Frame
Start of Active Row
End of Line
Serial SYNC Codes
End of Frame
Row Reset
Row Read
Row Reset
Row Read
Frame Valid
Line Valid
1/60s
Row Reset
Row Read
Row Reset
Row Read
2304 x 1296
2304 x 1296
HB (192 Pixels/Column)
HB (192 Pixels/Column)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com